Electronic Components Datasheet Search
  English  ▼

X  

PS21562 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS21562
Description  Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21562 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS21562 Datasheet HTML 1Page - Powerex Power Semiconductors PS21562 Datasheet HTML 2Page - Powerex Power Semiconductors PS21562 Datasheet HTML 3Page - Powerex Power Semiconductors PS21562 Datasheet HTML 4Page - Powerex Power Semiconductors PS21562 Datasheet HTML 5Page - Powerex Power Semiconductors PS21562 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS21562
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, Tj = 25°C—
—
1.00
mA
VCE = VCES, Tj = 125°C—
—
10
mA
Diode Forward Voltage
VEC
Tj = 25°C, -IC = 5A, VIN = 0V
—
1.50
2.00
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 5A, Tj = 25°C, VD = VDB = 15V, VIN = 5V
—
1.60
2.15
Volts
IC = 5A, Tj = 125°C, VD = VDB = 15V, VIN = 5V
—
1.70
2.30
Volts
Inductive Load Switching Times
ton
0.50
1.10
1.70
µs
trr
VCC = 300V, VD = VDB = 15V,
—
0.30
—
µs
tC(on)
IC = 5A, Tj = 125°C, VIN = 5 ⇔ 0V,
—
0.40
—
µs
toff
Inductive Load (Upper-Lower Arm)
—
1.30
2.00
µs
tC(off)
—
0.50
0.80
µs
Tf Measurement Point
16 mm
GROOVE
CONTROL TERMINALS
POWER
TERMINALS
FWDi CHIP
18 mm
NW
V
U
P
Al BOARD
TEMPERATURE MEASUREMENT POINT
(INSIDE THE Al BOARD)
TEMPERATURE
MEASUREMENT POINT
(INSIDE THE Al BOARD)
IGBT CHIP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com