Electronic Components Datasheet Search
  English  ▼

X  

PS21562 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS21562
Description  Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21562 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS21562 Datasheet HTML 1Page - Powerex Power Semiconductors PS21562 Datasheet HTML 2Page - Powerex Power Semiconductors PS21562 Datasheet HTML 3Page - Powerex Power Semiconductors PS21562 Datasheet HTML 4Page - Powerex Power Semiconductors PS21562 Datasheet HTML 5Page - Powerex Power Semiconductors PS21562 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PS21562
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
4
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Control Supply Voltage
VD
Applied between VP1-VNC, VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-VUFS,
13.0
15.0
18.5
Volts
VVFB-VVFS, VWFB-VWFS
Circuit Current
ID
VD = VDB = 15V, VIN = 5V,
—
—
5.00
mA
Total of VP1-VNC, VN1-VNC
VD = VDB = 15V, VIN = 0V,
—
—
7.00
mA
Total of VP1-VNC, VN1-VNC
VD = VDB = 15V, VIN = 5V,
—
—
0.40
mA
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
VD = VDB = 15V, VIN = 0V,
—
—
0.55
mA
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Fault Output Voltage
VFOH
VSC = 0V, FO Circuit: 10k Ω to 5V Pull-up
4.9
—
—
Volts
VFOL
VSC = 1V, IFO = 1mA
—
—
0.95
Volts
Input Current
IIN
VIN = 5V
1.0
1.50
2.00
mA
PWM Input Frequency
fPWM
Tf ≤ 100°C, Tj ≤ 125°C—
10
—
kHz
Short Circuit Trip Level*
VSC(ref)
Tj = 25°C, VD = 15V
0.43
0.48
0.53
Volts
Supply Circuit Under-voltage
UVDBt
Trip Level, Tj ≤ 125°C
10.0
—
12.0
Volts
Protection
UVDBr
Reset Level, Tj ≤ 125°C
10.5
—
12.5
Volts
UVDt
Trip Level, Tj ≤ 125°C
10.3
—
12.5
Volts
UVDr
Reset Level, Tj ≤ 125°C
10.8
—
13.0
Volts
Fault Output Pulse Width**
tFO
CFO = 22nF
1.0
1.8
—
ms
ON Threshold Voltage
Vth(on)
Applied between UP, VP, WP-VNC,
2.1
2.3
2.6
Volts
OFF Threshold Voltage
Vth(off)
UN, VN, WN-VNC
0.8
1.4
2.1
Volts
* Short Circuit protection is functioning only at the lower arms. Please select the value of the external shunt resistor such that the SC trip level is less than 8.5A.
**Fault signal is asserted when the lower arm short circuit or control supply under-voltage protective functions operate. The fault output pulse-width tFO depends on the capacitance value of
CFO according to the following approximate equation: CFO = (12.2 x 10-6) x tFO {F} .



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com