Electronic Components Datasheet Search
  English  ▼

X  

TA7774F/FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA7774F/FG
Description  Stepping Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7774F/FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7774F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TA7774P/PG/F/FG
2007-6-4
4
Output Circuit
Input Circuit IN A, IN B
Input Circuit VS2 A or VS2 B
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
VCC
7.0
VS1
17.0
Supply voltage
VS2
≤VCC
V
IO (PEAK)
±400
IO (START)
±350
TA7774P/PG
TA7774F/FG
IO (HOLD)
±100
IO (PEAK)
±200
IO (START)
±100
Output current
TA7774FAG
IO (HOLD)
±50
mA
Input voltage
VIN
≤VCC
V
1.4 (Note 1)
TA7774P/PG
2.7 (Note 2)
TA7774F/FG
1.4 (Note 3)
Power dissipation
TA7774FAG
PD
0.78 (Note 4)
W
Operating temperature
Topr
−30 to 75
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: IC only
Note 2: This value is obtained if
mounting is on a 50 × 50
× 0.8 mm PCB, 60% or
more of which is occupied
by copper.
Note 3: This value is obtained if
mounting is on a 60 × 30
× 1.6 mm PCB, 50% or
more of which is occupied
by copper.
Note 4: This value is obtained if
mounting is on a 50 × 50
× 1.6 mm PCB, 40% or
more of which is occupied
by copper.
TA7774P/PG/F/FG/FAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com