Electronic Components Datasheet Search
  English  ▼

X  

TA7774F/FG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA7774F/FG
Description  Stepping Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7774F/FG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA7774F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7774F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TA7774P/PG/F/FG
2007-6-4
2
Block Diagram
Note:
Pins 2, 7, 12, and 13 of the TA7774F/FG are all NC; the heat fin is connected to GND.
Pin Description
Pin No.
Symbol
Functional Description
1 / (1)
VS2 A
Low-voltage power supply terminal
2 / (3)
VCC
Power voltage supply terminal for control
3 / (4)
IN A
A-ch forward rotation / reverse rotation signal input terminal, Truth Table 1
4 / (F)
GND
GND terminal
5 / (F)
GND
GND terminal
6 / (5)
IN B
B-ch forward rotation / reverse rotation signal input terminal, Truth Table 1
7 / (6)
PS
Power saving signal input terminal
8 / (8)
VS2 B
Standby signal input terminal, Truth Table 2
9 / (9)
VS1 B
High-voltage power supply terminal
10 / (10)
φB
Output B
11 / (11)
φ
B
Output B
12 / (F)
GND
GND terminal
13 / (F)
GND
GND terminal
14 / (14)
φ Α
Output Α
15 / (15)
φA
Output A
16 / (16)
VS1 A
High-voltage power supply terminal.
( ):
TA7774F/FG
TA7774P/PG/F/FG/FAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com