Electronic Components Datasheet Search
  English  ▼

X  

PS4125 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS4125
Description  POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS4125 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS4125 Datasheet HTML 1Page - Powerex Power Semiconductors PS4125 Datasheet HTML 2Page - Powerex Power Semiconductors PS4125 Datasheet HTML 3Page - Powerex Power Semiconductors PS4125 Datasheet HTML 4Page - Powerex Power Semiconductors PS4125 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Single Diode Isolated Module
2500 Amperes / Up to 2400 Volts
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
Up to 2400
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100V
V
RMS Current Per Diode
(180
o
Conduction)
180
°°°° Conduction, TC=90°°°°C
180
° Conduction, TC=92° C
180
° Conduction, TC=98° C
180
° Conduction, TC=104° C
IF(RMS)
IF(RMS)
IF(RMS)
IF(RMS)
3925
3768
3454
3140
A
A
A
A
Average Forward Current Per Diode
(180
o
Conduction)
180
°°°° Conduction, TC=90°°°°C
180
° Conduction, TC=92° C
180
° Conduction, TC=98° C
180
° Conduction, TC=104° C
IF(AV)
IF(AV)
IF(AV)
IF(AV)
2500
2400
2200
2000
A
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
90,000
83,000
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
61,000
55,600
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
79,600
72,600
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
53,000
48,400
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
42,000
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
33,500
A
I
2t for Fusing for One Cycle
Tj = 125C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
11.7 x 10
6
11.7 x 10
6
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
° C
Storage Temperature
Tstg
-40 to +150
° C
Max. Mounting Torque, M6 Mounting Screw
132
15
in. – Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in. – Lb.
Nm
Module Weight, Typical
455
g
11.75
lb
V Isolation @ 25C
Vrms
3000
V
11/06/2002
PS41__25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com