Electronic Components Datasheet Search
  English  ▼

X  

PS4125 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS4125
Description  POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS4125 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS4125 Datasheet HTML 1Page - Powerex Power Semiconductors PS4125 Datasheet HTML 2Page - Powerex Power Semiconductors PS4125 Datasheet HTML 3Page - Powerex Power Semiconductors PS4125 Datasheet HTML 4Page - Powerex Power Semiconductors PS4125 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
Single Diode Module
2500 Amperes / Up to 2400 Volts
11/06/2002
PS41__25
Typical On-State Forward Voltage Drop
0
0.5
1
1.5
2
2.5
3
3.5
4
100
1000
10000
100000
Instantaneous On-State Current - If - Amperes
(Tj = 150C)
Maximum Transient Thermal Impedance
0.000
0.005
0.010
0.015
0.020
0.025
0.001
0.01
0.1
1
10
100
1000
Time - t - Seconds
(Junction To Case)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
30°
90°
180°
0
500
1000
1500
2000
2500
0
500
1000
1500
2000
2500
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
90°
30°
180°
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
360°
180°
120°
60°
90°
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
3000
3500
4000
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
180°
120°
90°
60°
360°
60
70
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
3000
3500
4000
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com