Electronic Components Datasheet Search
  English  ▼

X  

0819699 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0819699
Description  ZB10-50:SO/CMS - Zack marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819699 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0819699 Datasheet HTML 1Page - PHOENIX CONTACT 0819699 Datasheet HTML 2Page - PHOENIX CONTACT 0819699 Datasheet HTML 3Page - PHOENIX CONTACT 0819699 Datasheet HTML 4Page - PHOENIX CONTACT 0819699 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Zack marker strip, Strip, white, labeled according to customer specifications, mounting type: snap
into tall marker groove, for terminal block width: 10.2 mm, Number of individual labels: 500
Commercial data
Item number
0819699
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Product key
BG8112
GTIN
4046356164245
Weight per piece (including packing)
2.32 g
Weight per piece (excluding packing)
2.2 g
Country of origin
PL
ZB10-50:SO/CMS - Zack marker strip
0819699
https://www.phoenixcontact.com/us/products/0819699
May 2, 2025, 12:06AM
Page 1 (5)


Similar Part No. - 0819699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0819644 PHOENIX-0819644 Datasheet
189Kb / 5P
UC-WMC 3,1 (30X4) YE - Conductor marker
0819657 PHOENIX-0819657 Datasheet
190Kb / 6P
UC-WMC 4,4 (30X5,5) - Conductor marker
0819660 PHOENIX-0819660 Datasheet
189Kb / 5P
UC-WMC 4,4 (30X5,5) YE - Conductor marker
0819673 PHOENIX-0819673 Datasheet
188Kb / 6P
UC-WMC 7,5 (30X8) - Conductor marker
More results

Similar Description - 0819699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803650 PHOENIX-0803650 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 6:SO/CMS
0805823 PHOENIX-0805823 Datasheet
48Kb / 2P
Zack marker strip - ZB 4:SO/CMS
0808639 PHOENIX-0808639 Datasheet
48Kb / 2P
Zack Marker strip, flat - ZBF 4:SO/CMS
0808778 PHOENIX-0808778 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 6:SO/CMS
0811985 PHOENIX-0811985 Datasheet
51Kb / 2P
Zack marker strip - ZB 15:SO/CMS
0812133 PHOENIX-0812133 Datasheet
43Kb / 1P
Zack marker strip - ZB 12:SO/CMS
1050295 PHOENIX-1050295 Datasheet
53Kb / 2P
Zack marker strip - ZB 5:SO/CMS
1050499 PHOENIX-1050499 Datasheet
46Kb / 2P
Zack marker strip - ZB 6:SO/CMS
1053438 PHOENIX-1053438 Datasheet
53Kb / 2P
Zack marker strip - ZB10,LGS:U-N
5062564 PHOENIX-5062564 Datasheet
50Kb / 2P
Zack marker strip - ZB10/YE-100:UNBEDRUCKT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com