Electronic Components Datasheet Search
  English  ▼

X  

0819699 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0819699
Description  ZB10-50:SO/CMS - Zack marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819699 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0819699 Datasheet HTML 1Page - PHOENIX CONTACT 0819699 Datasheet HTML 2Page - PHOENIX CONTACT 0819699 Datasheet HTML 3Page - PHOENIX CONTACT 0819699 Datasheet HTML 4Page - PHOENIX CONTACT 0819699 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Pitch
10.2 mm
Type
high
Marking
Number of individual labels
500
Number of individual labels per row
10
Number of marker strips
50
Mounting
Mounting type
snap into tall marker groove
Material specifications
Color
white (RAL 9010)
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Dimensions
Width
10.5 mm
Pitch
10.2 mm
ZB10-50:SO/CMS - Zack marker strip
0819699
https://www.phoenixcontact.com/us/products/0819699
May 2, 2025, 12:06AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com