Electronic Components Datasheet Search
  English  ▼

X  

REL70 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # REL70
Description  70 Watt Open Frame Switching Power Supply with PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL70 Datasheet(HTML) 3 Page - Astrodyne Corporation

  REL70 Datasheet HTML 1Page - Astrodyne Corporation REL70 Datasheet HTML 2Page - Astrodyne Corporation REL70 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
70 Watt Open Frame Switching Power Supply with PFC
R E L 7 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
MECHANICAL DIMENSIONS
THERMAL PERFORMANCE
1 – Optimum
2 – Good
3 – Good
4 - Fair
RECOMMENDED AIR FLOW DIRECTION
OPEN FRAME
T1
T1
MULTIPLE OUTPUT MODEL
SINGLE OUTPUT MODEL
1.22 (30.9)
2
1
.128 DIA
1.00 (25.4)
(4 PLACES)
MTG HOLE
O
O
O
O
O
O
(+)
(+)
8
7
(+)
(-)
(+)
6
5
4
O
O
(-)
(-)
(-)
1
P2
4
3
GND
INPUT
AC
N
P1
L
AC
INPUT
GND
L
N
P1
MAX
.80 (20.3)
3.20 (81.3).65 (16.5)
2.20 (55.9)
2.50 (63.5)
4.50 (114.3)
4.20 (106.7)
.15 (3.8) TYP
P2
1
P2
1
P3
2
6
1
5
SENSE
(+)
2
(-)
6
(+)
3
4
(-)
(-)
P.F. RTN
P.F. SIG
OUTPUT 1
SENSE
P3
1
(+)
OUTPUT 1
P3
1
P3
2
1
(-)
(+)
P.F. SIG
P.F. RTN
6
(+)
8
7
(-)
(+)
(+)
2
5
4
3
(-)
(+)
(-)
P2
1
(-)
OUTPUT 2
OUTPUT 1
OUTPUT 1
OUTPUT 4
OUTPUT 3
OUTPUT 3
OUTPUT 2
OUTPUT 4
V1 ADJUST
V1 ADJUST
5
2
3
CHASSIS & COVER
4.20 (106.7)
MTG HOLE
(2 PLACES)
4-40
2
3
4
1
1.48 (37.6)
.68 (17.2)
2.20 (55.9)
2.62 (66.5)
MTG HOLE
(4 PLACES-BASE)
4-40
4.79 (121.6)
4.20 (106.7)
ALL DIMENSIONS IN INCHES (MM)
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS �COVE�
�O�CE� AI� COOLING
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS � COVE�
�O�CE�AI� COOLING
CONNECTOR SPECIFICATIONS
P1 AC Input
.156 friction lock header mates with Molex 09-50-3031 crimp terminal
housing with Molex 2478 crimp terminal
P2 DC Output (Single)
.156 friction lock header mates with Molex 09-50-3181 crimp terminal
housing with Molex 2478 crimp terminal
P2 DC Output (Multiple)
.156 friction lock header mates with Molex 09-50-3181 crimp terminal
housing with Molex 2478 crimp terminal
G
Ground
.187 quick disconnect terminal
P3 P.F Sense (Single)
.100 breakaway header mates with Molex 22-55-2061 crimp terminal
housing with Molex 71851crimp terminal
P3 Power Fail (Multiple)
.100 breakaway header mates with Molex 50-57-9002 crimp terminal
housing with Molex 71851 crimp terminal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com