Electronic Components Datasheet Search
  English  ▼

X  

REL70 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # REL70
Description  70 Watt Open Frame Switching Power Supply with PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL70 Datasheet(HTML) 1 Page - Astrodyne Corporation

  REL70 Datasheet HTML 1Page - Astrodyne Corporation REL70 Datasheet HTML 2Page - Astrodyne Corporation REL70 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
70 Watt Open Frame Switching Power Supply with PFC
R E L 7 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
70 Watts Output Power
Universal 85-265VAC Input
1, 2, 3, and 4 Outputs
Active Power Factor Correction
2.5VDC to 48VDC Outputs
Model Number
Output #1
Output #2
Output #3
Output #4
SINGLE OUTPUT
REL70-1001
2.5V/14A
REL70-1002
3.3V/14A
REL70-1003
5V/14A
REL70-1004
12V/5.8A
REL70-1005
15V/4.7A
REL70-1006
24V/2.9A
REL70-1007
28V/2.5A
REL70-1008
48V/1.5A
DUAL OUTPUT
REL70-2001
3.3V/6A
5V/5A
REL70-2002
5V/6A
12V/4A
REL70-2003
5V/6A
24V/2A
REL70-2004
12V/3A
-12V/3A
REL70-2005
15V/3A
-15V/2A
TRIPLE OUTPUT
REL70-3001
5V/6A
12V/2A
-12V/2A
REL70-3002
5V/6A
15V/2A
-15V/2A
QUAD OUTPUT
REL70-4001
3.3V/6A
5V/5A
12V/2A
-12V/2A
REL70-4002
5V/6A
3.3V/5A
12V/2A
-12V/2A
REL70-4003
5V/6A
3.3V/5A
15V/2A
-15V/2A
REL70-4004
5V/6A
-5V/5A
12V/2A
-12V/2A
REL70-4005
5V/6A
-5V/5A
15V/2A
-15V/2A
REL70-4006
5V/6A
24V/2A
12V/2A
-12V/2A
REL70-4007
5V/6A
24V/2A
15V/2A
-15V/2A
Order On-Line!
astrodyne.com
4.5” x 2.5” x 1.22”
Medical Versions Available
Contact Factory


Similar Part No. - REL70

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL70-1001 ASTRODYNE-REL70-1001 Datasheet
251Kb / 3P
70 Watt Open Frame Switching Power Supply with PFC
REL70-1002 ASTRODYNE-REL70-1002 Datasheet
251Kb / 3P
70 Watt Open Frame Switching Power Supply with PFC
REL70-1003 ASTRODYNE-REL70-1003 Datasheet
251Kb / 3P
70 Watt Open Frame Switching Power Supply with PFC
REL70-1004 ASTRODYNE-REL70-1004 Datasheet
251Kb / 3P
70 Watt Open Frame Switching Power Supply with PFC
REL70-1005 ASTRODYNE-REL70-1005 Datasheet
251Kb / 3P
70 Watt Open Frame Switching Power Supply with PFC
More results

Similar Description - REL70

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
logo
Astrodyne Corporation
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
150 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
110 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
185 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
70 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
110 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
185 Watt Open Frame Switching Power Supply with PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com