Electronic Components Datasheet Search
  English  ▼

X  

TA8409S/SG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA8409S/SG
Description  Bridge Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8409S/SG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA8409S/SG Datasheet HTML 1Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 2Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 3Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 4Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 5Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 6Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 7Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 8Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TA8409S/SG, F/FG
2006-3-2
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
25
V
Motor drive voltage
VS
25
V
Reference voltage
Vref
25
V
PEAK
IO (PEAK)
1.0
Output current
AVE.
IO (AVE.)
0.4
A
TA8409F/FG
0.735 (Note)
Power dissipation
TA8409S/SG
PD
0.95
W
Operating temperature
Topr
−30 to 75
°C
Storage temperature
Tstg
−55 to 150
°C
Note:
This rating is obtained by mounting on 50 × 50 × 1.6 mm PCB that occupied above 30% of copper area.
Electrical Characteristics (Ta = 25°C, VCC = 12 V, VS = 18 V)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1
1
Output OFF, CW/CCW mode
―
10.0
15.0
mA
ICC2
1
Output OFF, STOP mode
―
0
50
µA
Supply current
ICC3
1
Output OFF, BREAK mode
―
6.5
10.0
mA
1 (High)
VIN 1
2
Tj = 25°C IN1, 2
3.5
―
5.5
Input operating
voltage
2 (Low)
VIN 2
2
Tj = 25°C IN1, 2
GND
―
0.8
V
Input current
IIN
2
Sink mode, VIN = 3.5 V
―
3
10
µA
Input hysteresis voltage
∆VT
2
―
―
0.7
―
V
Upper side
VSAT U−1
3
Vref = VS, VOUT−VS measure
IO = 0.2 A, CW/CCW mode
―
0.9
1.2
Lower side
VSAT L−1
3
Vref = VS, VOUT−GND measure
IO = 0.2 A, CW/CCW mode
―
0.8
1.2
Upper side
VSAT U−2
3
Vref = VS, VOUT−VS measure
IO = 0.4 A, CW/CCW mode
―
1.0
1.35
Saturation voltage
Lower side
VSAT L−2
3
Vref = VS, VOUT−GND
measure
IO = 0.4 A, CW/CCW mode
―
0.9
1.35
V
VSAT U−1’
3
Vref = 10 V, VOUT−GND
measure
IO = 0.2 A
10.4
11.2
12.2
Output voltage
VSAT U−2’
3
Vref = 10 V, VOUT−GND
measure
IO = 0.4 A
―
10.9
―
V
Upper side
ILU
4
VL = 25 V
―
―
50
Output transistor
leakage current
Lower side
ILL
4
VL = 25 V
―
―
50
µA
Upper side
VF U−1
5
IF = 0.4 A
―
1.5
―
Diode forward voltage
Lower side
VF L−1
5
IF = 0.4 A
―
0.9
―
V
Reference current
Iref
2
Vref = 10 V, source mode
―
20
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com