Electronic Components Datasheet Search
  English  ▼

X  

TA8409S/SG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8409S/SG
Description  Bridge Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8409S/SG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8409S/SG Datasheet HTML 1Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 2Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 3Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 4Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 5Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 6Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 7Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 8Page - Toshiba Semiconductor TA8409S/SG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TA8409S/SG, F/FG
2006-3-2
3
Pin Function
TA8409S/SG
Pin No.
Symbol
Functional Description
1
IN2
Input terminal
2
VCC
Supply voltage terminal for logic
3
OUT2
Output terminal
4
NC
Non connection
5
GND
GND terminal
6
VS
Supply voltage terminal for motor driver
7
OUT1
Output terminal
8
Vref
Reference voltage terminal for control circuit
9
IN1
Input terminal
TA8409F/FG
Pin No.
Symbol
Functional Description
1
IN2
Input terminal
2
VCC
Supply voltage terminal for logic
3
OUT2
Output terminal
4
NC
Non connection
5
GND
GND terminal
6
NC
Non connection
7
VS
Supply voltage terminal for motor driver
8
OUT1
Output terminal
9
Vref
Reference voltage terminal for control circuit.
10
IN1
Input terminal
Function
Input
Output
Mode
IN 1
IN 2
OUT1
OUT2
MB
0
0
∞
∞
STOP
1
0
H
L
CW/CCW
0
1
L
H
CCW/CW
1
1
L
L
BRAKE
∞:
High impedance
Note:
Inputs are all high active type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com