Electronic Components Datasheet Search
  English  ▼

X  

AD3531R Datasheet(PDF) 42 Page - Analog Devices

Part # AD3531R
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531R Datasheet(HTML) 42 Page - Analog Devices

Back Button AD3531R Datasheet HTML 36Page - Analog Devices AD3531R Datasheet HTML 37Page - Analog Devices AD3531R Datasheet HTML 38Page - Analog Devices AD3531R Datasheet HTML 39Page - Analog Devices AD3531R Datasheet HTML 40Page - Analog Devices AD3531R Datasheet HTML 41Page - Analog Devices AD3531R Datasheet HTML 42Page - Analog Devices AD3531R Datasheet HTML 43Page - Analog Devices AD3531R Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Data Sheet
AD3531/AD3531R
REGISTER DETAILS
analog.com
Rev. 0 | 42 of 44
Initiates transfer of Input_Chn to DAC_Chn; Only takes effect on enabled channels identified by SW_LDAC_En_0
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SLD_TRIG_0 (W)
[6:0] RESERVED
Table 36. Bit Descriptions for SW_LDAC_TRIG_0
Bits
Bit Name
Description
Reset
Access
7
SLD_TRIG_0
Software LDAC Trigger 0. When set, initiates transfer of Input_Chn to DAC_Chn, where n is the channel number
as enabled by SW_LDAC_En_0. Writing 0 will have no effect.
0x0
W
[6:0]
RESERVED
Reserved.
0x0
R
MULTIPLE INPUT REGISTER
Address: 0xDF, Reset: 0x0000, Name: MULTI_INPUT_CH
Data written to this register also writes all Input_Chn selected in Multi_Input_Sel_0; read data will always return the latest data written
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:0] MULTI_INPUT_VAL (R/W)
Table 37. Bit Descriptions for MULTI_INPUT_CH
Bits
Bit Name
Description
Reset
Access
[15:0]
MULTI_INPUT_VAL
Multiple Input Value. Data to be written to all Input_Chn selected in Multi_Input_Sel_0. Read data will
always return the latest data written.
0x0
R/W
MULTIPLE INPUT SELECT 0 REGISTER
Address: 0xE0, Reset: 0x0F, Name: MULTI_INPUT_SEL_0
Select which Input_Chn will be written when a write operation is executed on Multi_Input_Ch; only applies Input_Ch0 to Input_Ch3
0
1
1
1
2
1
3
1
4
0
5
0
6
0
7
0
[7:4] RESERVED
[0] MI_SEL_CH_0 (R/W)
[3] MI_SEL_CH_3 (R/W)
[1] MI_SEL_CH_1 (R/W)
[2] MI_SEL_CH_2 (R/W)
Table 38. Bit Descriptions for MULTI_INPUT_SEL_0
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
3
MI_SEL_CH_3
Multiple Input Select Channel 3. If selected, write operation on Multi_Input_Ch also writes Input_Ch3 with the
same data. If deselected, write operation on Multi_DAC_Ch will have no effect on Input_Ch3.
0x1
R/W
0: MI Sel 0. Deselect Input_Ch3 for Multi_Input_Ch operation.
1: MI Sel 1. Select Input_Ch3 for Multi_Input_Ch operation.
2
MI_SEL_CH_2
Multiple Input Select Channel 2. If selected, write operation on Multi_Input_Ch also writes Input_Ch2 with the
same data. If deselected, write operation on Multi_DAC_Ch will have no effect on Input_Ch2.
0x1
R/W
0: MI Sel 0. Deselect Input_Ch2 for Multi_Input_Ch operation.
1: MI Sel 1. Select Input_Ch2 for Multi_Input_Ch operation.
1
MI_SEL_CH_1
Multiple Input Select Channel 1. If selected, write operation on Multi_Input_Ch also writes Input_Ch1 with the
same data. If deselected, write operation on Multi_DAC_Ch will have no effect on Input_Ch1.
0x1
R/W
0: MI Sel 0. Deselect Input_Ch1 for Multi_Input_Ch operation.
1: MI Sel 1. Select Input_Ch1 for Multi_Input_Ch operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com