Electronic Components Datasheet Search
  English  ▼

X  

AD3531R Datasheet(PDF) 11 Page - Analog Devices

Part # AD3531R
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD3531R Datasheet HTML 7Page - Analog Devices AD3531R Datasheet HTML 8Page - Analog Devices AD3531R Datasheet HTML 9Page - Analog Devices AD3531R Datasheet HTML 10Page - Analog Devices AD3531R Datasheet HTML 11Page - Analog Devices AD3531R Datasheet HTML 12Page - Analog Devices AD3531R Datasheet HTML 13Page - Analog Devices AD3531R Datasheet HTML 14Page - Analog Devices AD3531R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
AD3531/AD3531R
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 44
Figure 12. INL Error vs. Supply Voltage
Figure 13. DNL Error vs. Supply Voltage
Figure 14. TUE vs. Supply Voltage
Figure 15. Gain Error and Full-Scale Error vs. Temperature
Figure 16. Gain Error and Full-Scale Error vs. Supply Voltage
VDD = 5V, Range = 0
INTERNAL REFERENCE
GE
FSE
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
140
–0.10
–0.06
–0.02
0.02
0.06
0.10
Figure 17. Offset Error and Zero-Code Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com