Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 16 Page - Analog Devices

Part # LT1787
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1787 Datasheet HTML 8Page - Analog Devices LT1787 Datasheet HTML 9Page - Analog Devices LT1787 Datasheet HTML 10Page - Analog Devices LT1787 Datasheet HTML 11Page - Analog Devices LT1787 Datasheet HTML 12Page - Analog Devices LT1787 Datasheet HTML 13Page - Analog Devices LT1787 Datasheet HTML 14Page - Analog Devices LT1787 Datasheet HTML 15Page - Analog Devices LT1787 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1990-10
16
Rev 0
For more information www.analog.com
ANALOG DEVICES, INC. 2018
D17017-0-6/18(0)
www.analog.com
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LT1787
Precision High Side Current Sense Amplifier
On-Chip Precision Resistor Array
LT1789
Micropower Instrumentation Amplifier
Micropower, Precision, G = 1 to 1000
LTC1921
Dual –48V Supply and Fuse Monitor
Withstands ±200V Transients
LT1990
±250V Input Range Difference Amplifier
Micropower, Precision, Pin Selectable G = 1 or 10
LT1991
High Accuracy Difference Amplifier
Micropower, Precision, Pin Selectable G = –13 to 14
LT1995
30MHz, 1000V/µs Gain Selectable Amplifier
Pin Selectable G = –7 to 8
LTC6910
Single Supply Programmable Gain Amplifier
Digitally Controlled, SOT-23, G = 0 to 100
LT1997-3
Wide Voltage Range Gain Selectable Amplifier
±160V Input Voltage Range, Pin Selectable G = –13 to 14
LT6375
±270V Common Mode Voltage Difference Amplifier
97dB Minimum CMRR, Over the Top Protected Inputs
LT6376
±230V Common Mode Voltage Difference Amplifier G = 10 90dB Minimum CMRR, Over the Top Protected Inputs
LT1999-X
High Voltage, Bidirectional Current Sense Amplifier
Three Gain Options, –5V to 80V Input Common Mode Voltage Range
Telecom Supply Current Monitor
Bidirectional Controlled Current Source
Boosted Bidirectional Controlled Current Source
–
+
LT6650
GND
IN
OUT
FB
174k
20k
1nF
1µF
VREF = 4V
LOAD
RS
48V
IL
+
–
5V
VOUT
199010 TA02
–77V ≤ VCM ≤ 8V
VOUT = VREF – (10 • IL • RS)
LT1990-10
REF
–
+
+V
–V
LT1990-10
ILOAD
ILOAD = 10 • VCTL/RSENSE ≤ 100mA
EXAMPLE: FOR RSENSE =100,
OUTPUT IS 1mA PER 10mV INPUT
VCTL
RSENSE
199010 TA03
10µF
1k
1k
REF
CZT751
CZT651
+
–
+
+V
–V
LT1990-10
ILOAD
ILOAD = 10 • VCTL/RSENSE ≤ 3mA
EXAMPLE: FOR RSENSE =1k,
OUTPUT IS 1mA PER 100mV INPUT
VCTL
RSENSE
199010 TA04
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com