Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1787
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 2 Page - Analog Devices

  LT1787 Datasheet HTML 1Page - Analog Devices LT1787 Datasheet HTML 2Page - Analog Devices LT1787 Datasheet HTML 3Page - Analog Devices LT1787 Datasheet HTML 4Page - Analog Devices LT1787 Datasheet HTML 5Page - Analog Devices LT1787 Datasheet HTML 6Page - Analog Devices LT1787 Datasheet HTML 7Page - Analog Devices LT1787 Datasheet HTML 8Page - Analog Devices LT1787 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1990-10
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–).................................36V
Input Voltage Range
Each Input Continuous......................................±250V
Each Input Transient (0.1s)................................±350V
Differential........................................................±500V
Output Short-Circuit Duration (Note 3) ............ Indefinite
(Notes 1, 2)
1
2
3
4
–IN
NC
NC
+IN
8
7
6
5
REF
V+
OUT
V–
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
REF
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION SPECIFIED TEMPERATURE RANGE
LT1990IS8-10#PBF
LT1990IS8-10#TRPBF
199010
8-Lead Plastic SO
–40°C to 85°C
LT1990IMS8-10#PBF
LT1990IMS8-10#TRPBF
LTHBQ
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on tape and reel specifications, go to: Tape and reel specifications. Some packages are available in 500 unit reels through designated
sales channels with #TRMPBF suffix.
Operating Temperature Range (Note 4)
LT1990I-10......................................... –55°C to 125°C
Specified Temperature Range (Note 5)
LT1990I-10...........................................–40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)..................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com