Electronic Components Datasheet Search
  English  ▼

X  

MAX40658E/D Datasheet(PDF) 4 Page - Analog Devices

Part # MAX40658E/D
Description  Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40658E/D Datasheet(HTML) 4 Page - Analog Devices

  MAX40658E/D Datasheet HTML 1Page - Analog Devices MAX40658E/D Datasheet HTML 2Page - Analog Devices MAX40658E/D Datasheet HTML 3Page - Analog Devices MAX40658E/D Datasheet HTML 4Page - Analog Devices MAX40658E/D Datasheet HTML 5Page - Analog Devices MAX40658E/D Datasheet HTML 6Page - Analog Devices MAX40658E/D Datasheet HTML 7Page - Analog Devices MAX40658E/D Datasheet HTML 8Page - Analog Devices MAX40658E/D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VCC = +3.3V, CIN = 0.5pF, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
17
18
19
20
21
22
23
24
2.9
3.1
3.3
3.5
3.7
3.9
4.1
SUPPLY VOLTAGE (V)
MAX40658 SUPPLY CURRENT
vs. SUPPLY VOLTAGE
toc01a
TA = +25°C
TA = +85°C
TA = -40°C
IDC-IN = 0μA
18
19
20
21
22
23
24
25
26
27
28
-20
-10
0
10
20
INPUT CURRENT (µA)
MAX40659 SUPPLY VOLTAGE
vs. INPUT DC CURRENT
toc01d
TA = +85°C
TA = +55°C
TA = -40°C
TA = -10°C
TA = +25°C
-150
-100
-50
0
50
100
150
-20
-10
0
10
20
INPUT CURRENT (μA)
MAX40658 OUTPUT DIFFERENTIAL VOLTAGE
vs. INPUT DC CURRENT
toc03a
IOFFSET =0μA
IOFFSET =-30μA
IOFFSET =+30μA
IOFFSET =+20μA
IOFFSET =-20μA
IOFFSET =+10μA
IOFFSET =-10μA
IDC-IN = 0μA
20
21
22
23
24
25
26
27
2.9
3.1
3.3
3.5
3.7
3.9
4.1
SUPPLY VOLTAGE (V)
MAX40659 SUPPLY CURRENT
vs. SUPPLY VOLTAGE
toc01b
TA = +85°C
TA = +25°C
TA = -40°C
toc01b
TA = +85°C
TA = +25°C
TA = -40°C
toc01b
TA = +85°C
TA = +25°C
TA = -40°C
toc01b
TA = +85°C
TA = +25°C
TA = -40°C
IDC-IN = 0μA
820
840
860
880
900
920
940
960
980
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE (°C)
VCCAP vs. TEMPERATURE
toc02a
-250
-200
-150
-100
-50
0
50
100
150
200
250
-20
-10
0
10
20
INPUT CURRENT (μA)
MAX40659 OUTPUT DIFFERENTIAL
VOLTAGE vs. INPUT DC CURRENT
toc03b
IOFFSET = 0μA
IOFFSET = -30μA
IOFFSET = +30μA
IOFFSET = +20μA
IOFFSET = -20μA
IOFFSET = +10μA
IOFFSET = -10μA
IDC-IN = 0μA
15
16
17
18
19
20
21
22
23
24
25
-20
-10
0
10
20
INPUT CURRENT (μA)
MAX40658 SUPPLY CURRENT
vs. INPUT DC CURRENT
toc01c
TA = +25°C
TA =+ 85°C
TA = +55°C
TA = -10°C
TA = -40°C
824
826
828
830
832
834
836
838
-10
-5
0
5
10
INPUT CURRENT (μA)
VIN vs. INPUT CURRENT
toc02b
-150
-100
-50
0
50
100
150
-100
-50
0
50
100
OFFSETADJUSTMENT CURRENT INPUT (μA)
MAX40658 OUTPUT DIFFERENTIAL VOLTAGE
vs. OFFSET ADJUSTMENT CURRENT INPUT
toc03c
IDC-IN = 0μA
IDC-IN = +10μA
IDC-IN = -10μA
IDC-IN = +5μA
IDC-IN = -5μA
Analog Devices │ 4
www.analog.com
MAX40658/MAX40659
Transimpedance Amplifier with 100mA Input
Current Clamp for LiDAR Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com