Electronic Components Datasheet Search
  English  ▼

X  

MAX44284 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX44284
Description  36V, Input Common-Mode, High-Precision, Low-Power Current-Sense Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX44284 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX44284 Datasheet HTML 7Page - Analog Devices MAX44284 Datasheet HTML 8Page - Analog Devices MAX44284 Datasheet HTML 9Page - Analog Devices MAX44284 Datasheet HTML 10Page - Analog Devices MAX44284 Datasheet HTML 11Page - Analog Devices MAX44284 Datasheet HTML 12Page - Analog Devices MAX44284 Datasheet HTML 13Page - Analog Devices MAX44284 Datasheet HTML 14Page - Analog Devices MAX44284 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
For gain error, it depends on its input impedance and RIN.
IN
IN
R
GainError 2
Z
−
= ×
Avoid additional gain error shift due to the effect of RIN.
For gain error, the MAX44284 is 0.15%. If the margin of
additional effect of RIN results in a gain error shift of less
than 0.02%, then:
IN
IN
0.02%
R
Z
(
) 600
2
<
×
=
Ω
So RIN can be chosen ≤ 500Ω.
Output Filtering
The internal architecture of the MAX44284 suppresses the DC
offset, 1/f noise, and accumulates at higher frequencies so that
they can be filtered out. Hence, minute AC disturbances
can be observed at 10kHz and 20kHz. It is recommended
to add an output filter after the MAX44284 to avoid noise
and unwanted frequency disturbances at the output with
4kHz -3dB fc (see Figure 3).
(Suggested values of C and R: 22nF and 1.8kΩ, respectively.)
Note that load capacitance greater than approximately
2nF may cause instability unless a series resistor is pres-
ent to help isolate the capacitor from the amplifier output.
Output stability with different values of load capacitor
and isolation resistor is shown in TOC22 of the Typical
Operating Characteristics.
Bidirectional Application
Battery-powered systems may require a precise bidirectional
current-sense amplifier to accurately monitor the battery’s
charge and discharge currents. Measurements of the two
separate outputs with respect to GND yield an accurate
measure of the charge and discharge currents, respectively
(Figure 4).
Figure 3. Filtering
www.analog.com
Analog Devices │ 13
MAX44284
36V, Input Common-Mode, High-Precision,
Low-Power Current-Sense Amplifier
RS-
R
RS+
RIN
RIN
CIN2
RSENSE
VBATT
OUT
MAX44284
LOAD
C
CIN
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com