Electronic Components Datasheet Search
  English  ▼

X  

MAX44284 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX44284
Description  36V, Input Common-Mode, High-Precision, Low-Power Current-Sense Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX44284 Datasheet(HTML) 2 Page - Analog Devices

  MAX44284 Datasheet HTML 1Page - Analog Devices MAX44284 Datasheet HTML 2Page - Analog Devices MAX44284 Datasheet HTML 3Page - Analog Devices MAX44284 Datasheet HTML 4Page - Analog Devices MAX44284 Datasheet HTML 5Page - Analog Devices MAX44284 Datasheet HTML 6Page - Analog Devices MAX44284 Datasheet HTML 7Page - Analog Devices MAX44284 Datasheet HTML 8Page - Analog Devices MAX44284 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VDD to GND ............................................................-0.3V to +6V
RS+, RS- to GND..................................................-0.3V to +40V
RS+ to RS- ..........................................................................±40V
OUT, SHDN to GND................................. -0.3V to (VDD + 0.3V)
Continuous Input Current (any pin)..................................±20mA
Continuous Power Dissipation (TA = +70°C)
WLP (derate 10.5mW/°C above +70°C) ......................840mW
SOT23 (derate 4.3mW/°C above +70°C) .................347.8mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
PACKAGE CODE
U6+1, U6+1A
Outline Number
21-0058
Land Pattern Number
90-0175
Thermal Resistance, Single-Layer Board:
Junction to Ambient - θJA (C/W)
N/A
Junction to Case - θJC (C/W)
80
Thermal Resistance, Multi-Layer Board
Junction to Ambient (θJA) (C/W)
115
Junction to Case (θJC) (C/W)
80
6 SOT23
PACKAGE CODE
W60A1+1
Outline Number
21-0656
Land Pattern Number
Refer to
Application Note 1891
Thermal Resistance, Multi-Layer Board
Junction to Ambient (θJA) (C/W)
95.15
Junction to Case (θJC) (C/W)
N/A
6 WLP
www.analog.com
Analog Devices │ 2
MAX44284
36V, Input Common-Mode, High-Precision,
Low-Power Current-Sense Amplifier
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com