Electronic Components Datasheet Search
  English  ▼

X  

7406 Datasheet(PDF) 3 Page - SYC Electronica

Part # 7406
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

7406 Datasheet(HTML) 3 Page - SYC Electronica

  7406 Datasheet HTML 1Page - SYC Electronica 7406 Datasheet HTML 2Page - SYC Electronica 7406 Datasheet HTML 3Page - SYC Electronica 7406 Datasheet HTML 4Page - SYC Electronica 7406 Datasheet HTML 5Page - SYC Electronica 7406 Datasheet HTML 6Page - SYC Electronica 7406 Datasheet HTML 7Page - SYC Electronica 7406 Datasheet HTML 8Page - SYC Electronica 7406 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN5406, SN5416, SN7406, SN7416
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001
3
recommended operating conditions
SN5406
SN5416
SN7406
SN7416
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High level output voltage
’06
30
30
V
VOH
High-level output voltage
’16
15
15
V
IOL
Low-level output current
30
40
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN5406
SN5416
SN7406
SN7416
UNIT
MIN
TYP‡
MAX
MIN
TYP‡
MAX
VIK
VCC = MIN,
II = –12 mA
–1.5
–1.5
V
IOH
VCC = MIN,
VIL = 0.8 V,
VOH = §
0.25
0.25
mA
VOL
VCC = MIN
VIH =2V
IOL = 16 mA
0.4
0.4
V
VOL
VCC = MIN,
VIH = 2 V
IOL = ¶
0.7
0.7
V
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
VCC = MAX,
VIH = 2.4 V
40
40
µA
IIL
VCC = MAX,
VIL = 0.4 V
–1.6
–1.6
mA
ICCH
VCC = MAX
30
48
30
48
mA
ICCL
VCC = MAX
32
51
32
51
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ VOH = 30 V for ’06 and 15 V for ’16.
¶ IOL = 30 mA for SN54’ and 40 mA for SN74’.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
R110
Ω
C15 pF
10
15
ns
tPHL
A
Y
RL = 110 Ω,
CL = 15 pF
15
23
ns
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com