Electronic Components Datasheet Search
  English  ▼

X  

7406 Datasheet(PDF) 1 Page - SYC Electronica

Part # 7406
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

7406 Datasheet(HTML) 1 Page - SYC Electronica

  7406 Datasheet HTML 1Page - SYC Electronica 7406 Datasheet HTML 2Page - SYC Electronica 7406 Datasheet HTML 3Page - SYC Electronica 7406 Datasheet HTML 4Page - SYC Electronica 7406 Datasheet HTML 5Page - SYC Electronica 7406 Datasheet HTML 6Page - SYC Electronica 7406 Datasheet HTML 7Page - SYC Electronica 7406 Datasheet HTML 8Page - SYC Electronica 7406 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN5406, SN5416, SN7406, SN7416
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001
D Convert TTL Voltage Levels to MOS Levels
D High Sink-Current Capability
D Input Clamping Diodes Simplify System
Design
D Open-Collector Drivers for Indicator Lamps
and Relays
D Inputs Fully Compatible With Most TTL
Circuits
description
These TTL hex inverter buffers/drivers feature
high-voltage open-collector outputs for interfacing
with high-level circuits (such as MOS) or for
driving high-current loads (such as lamps or
relays), and also are characterized for use as
inverter buffers for driving TTL inputs. The
SN5406 and SN7406 have minimum breakdown
voltages of 30 V. The SN5416 and SN7416 have
minimum breakdown voltages of 15 V. The
maximum sink current is 30 mA for the SN5406
and SN5416, and 40 mA for the SN7406 and
SN7416.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN7406D
7406
SOIC
D
Tape and reel
SN7406DR
7406
SOIC – D
Tube
SN7416D
7416
0
°C to 70°C
Tape and reel
SN7416DR
7416
PDIP
N
Tube
SN7406N
SN7406N
PDIP – N
Tube
SN7416N
SN7416N
SOP – NS
Tape and reel
SN7406NSR
SN7406
CDIP
J
Tube
SNJ5406J
SNJ5406J
CDIP – J
Tube
SNJ5416J
SNJ5416J
–55
°C to 125°C
CDIP
W
Tube
SNJ5406W
SNJ5406W
CDIP – W
Tube
SNJ5416W
SNJ5416W
LCCC – FK
Tube
SNJ5406FK
SNJ5406FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN5406, SN5416 ...J OR W PACKAGE
SN7406 . . . D, N, OR NS PACKAGE
SN7416 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN5406 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
www.sycelectronica.com.ar


Similar Part No. - 7406

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
7406 SLS-7406 Datasheet
25Kb / 3P
Hex Inverted Buffers with Open-Collector Outputs
logo
Hitachi Semiconductor
7406 HITACHI-7406 Datasheet
55Kb / 6P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Texas Instruments
7406 TI1-7406 Datasheet
1,016Kb / 17P
HEX INVERTER BUFFERS/DRIVERS
logo
Silicon Supplies
7406 SS-7406 Datasheet
295Kb / 4P
Bipolar TTL Logic
7406 SS-7406 Datasheet
434Kb / 4P
Bipolar TTL Logic
More results

Similar Description - 7406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5406 TI-SN5406 Datasheet
140Kb / 7P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS06 TI-SN54LS06 Datasheet
443Kb / 13P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Hitachi Semiconductor
HD74LS06 HITACHI-HD74LS06 Datasheet
55Kb / 6P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Integral Corp.
IN7406 INTEGRAL-IN7406 Datasheet
40Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06 Datasheet
74Kb / 8P
Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
logo
KODENSHI_AUK CORP.
KK7406 KODENSHI-KK7406 Datasheet
252Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS06 TI-SN54LS06_08 Datasheet
614Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
IK Semicon Co., Ltd
IN7406 IKSEMICON-IN7406 Datasheet
241Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN5406 TI-SN5406_09 Datasheet
614Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7416J TI-SN7416J Datasheet
1Mb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com