Electronic Components Datasheet Search
  English  ▼

X  

TP27 Datasheet(PDF) 7 Page - 3PEAK INC.

Part # TP27
Description  36-V, 6-MHz, 50-μV VOS Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP27 Datasheet(HTML) 7 Page - 3PEAK INC.

Back Button TP27 Datasheet HTML 3Page - 3PEAK INC. TP27 Datasheet HTML 4Page - 3PEAK INC. TP27 Datasheet HTML 5Page - 3PEAK INC. TP27 Datasheet HTML 6Page - 3PEAK INC. TP27 Datasheet HTML 7Page - 3PEAK INC. TP27 Datasheet HTML 8Page - 3PEAK INC. TP27 Datasheet HTML 9Page - 3PEAK INC. TP27 Datasheet HTML 10Page - 3PEAK INC. TP27 Datasheet HTML 11Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Symbol
Parameter
Conditions
TA
Min
Typ
Max
Unit
Output Swing from Negative
Rail
RLOAD = 100 kΩ to VS / 2
3
5
mV
−40°C to 125°C
10
mV
RLOAD = 10 kΩ to VS / 2
25
35
mV
−40°C to 125°C
60
mV
RLOAD = 2 kΩ to VS / 2
130
150
mV
−40°C to 125°C
300
mV
ISC
Output Short-Circuit Current
Source
60
95
mA
−40°C to 85°C
40
mA
−40°C to 125°C
35
mA
Sink
130
150
mA
−40°C to 85°C
100
mA
−40°C to 125°C
85
mA
Capacitive Load Drive
1
nF
AC Specifications
GBW
Gain-Bandwidth Product
6
MHz
SR
Slew Rate
G = 1, 10-V step
3
5
V/μs
−40°C to 125°C
2.2
V/μs
tOR
Overload Recovery
500
ns
tS
Settling Time, 0.1%
G = 1, 10-V step
7
μs
Settling Time, 0.01%
12
μs
PM
Phase Margin
RL = 10 kΩ, CL = 100 pF
70
°
GM
Gain Margin
RL = 10 kΩ, CL = 100 pF
15
dB
Noise Performance
EN
Input Voltage Noise
f = 0.1 Hz to 10 Hz
0.1
μVPP
eN
Input Voltage Noise Density
f = 0.1 kHz
8
nV/√Hz
f = 1 kHz
8
nV/√Hz
f = 10 kHz
10
nV/√Hz
f = 100 kHz
20
nV/√Hz
iN
Input Current Noise
f = 10 kHz
200
fA/√Hz
THD+N
Total Harmonic Distortion
and Noise
f = 1 kHz, G = 1, RL = 10
kΩ, VOUT = 6 VRMS
0.0005
%
TP27
36-V, 6-MHz, 50-μV VOS Operational Amplifiers
www.3peak.com
7 / 14
AA20241201A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com