Electronic Components Datasheet Search
  English  ▼

X  

TP27 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TP27
Description  36-V, 6-MHz, 50-μV VOS Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP27 Datasheet(HTML) 5 Page - 3PEAK INC.

  TP27 Datasheet HTML 1Page - 3PEAK INC. TP27 Datasheet HTML 2Page - 3PEAK INC. TP27 Datasheet HTML 3Page - 3PEAK INC. TP27 Datasheet HTML 4Page - 3PEAK INC. TP27 Datasheet HTML 5Page - 3PEAK INC. TP27 Datasheet HTML 6Page - 3PEAK INC. TP27 Datasheet HTML 7Page - 3PEAK INC. TP27 Datasheet HTML 8Page - 3PEAK INC. TP27 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Specifications
Absolute Maximum Ratings (1)
Parameter
Min
Max
Unit
Supply Voltage: (+VS) – (−VS)
40
V
Input Voltage
(−VS) – 0.3
40
V
Differential Input Voltage
(−VS) – (+VS) (+VS) − (−VS)
V
Input Current: +IN, −IN (2)
−10
10
mA
Output Voltage
(−VS) – 0.3
(+VS) + 0.3
V
Output Short-Circuit Duration (3)
Infinite
TJ
Maximum Junction Temperature
150
°C
TA
Operating Temperature Range
−40
125
°C
TSTG
Storage Temperature Range
−65
150
°C
TL
Lead Temperature (Soldering, 10 sec)
260
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
(2) The inputs are protected by ESD-protection diodes to the negative power supply. If the input extends more than 300 mV
beyond the negative power supply, the input current should be limited to less than 10 mA.
(3) A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power
supply voltage and how many amplifiers are shorted. The thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are for short traces connected to the leads.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
ANSI/ESDA/JEDEC JS-001 (1)
2
kV
CDM
Charged Device Model ESD
ANSI/ESDA/JEDEC JS-002 (2)
1
kV
LU
Latch Up
JESD 78, 25°C
500
mA
JESD 78, 125°C
250
mA
(1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Thermal Information
Package Type
θJA
θJC
Unit
SOP8
158
43
°C/W
TP27
36-V, 6-MHz, 50-μV VOS Operational Amplifiers
www.3peak.com
5 / 14
AA20241201A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com