Electronic Components Datasheet Search
  English  ▼

X  

SLT Datasheet(PDF) 1 Page - Novaris

Part # SLT
Description  SLT - Threaded Signal Line Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SLT Datasheet(HTML) 1 Page - Novaris

  SLT Datasheet HTML 1Page - Novaris SLT Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Diagram / Installation
Dimensions
Ordering Information
T echnical Infor mation Sheet
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
SLT - Threaded Signal Line Protectors
SLT (0050-D15V1)
SCN
L1
L2
SLT1-...
SCN
L1
L2
SIG
SLT3-...
SCN
L1+
L1-
L2-
L2+
SLT4-...
SCN
N
L
L2-
L2+
SLT4-36-275
24
24
53
53
M20 x 1.5 Thread Size
1/2” NPT Thread Size
Field Instrument Surge Protectors
Novaris threaded instrument protectors provide surge protection for most
twisted pair signalling schemes and are designed to be installed directly at the
field equipment providing protection against induced surges and transients.
M20 and 1/2” NPT threads
The threaded enclosure provides an easy installation by directly screwing into a
free cable entry on the instrument. Common thread types such as M20 x 1.5 and
½” NPT threads are accommodated for. Other threads are available by request.
Multistage design
The multistage design provides a high energy gas discharge tube (GDT) as
primary protection for common mode disturbances, commonly associated with
lightning strikes and power system earth faults and a secondary metal-oxide
varistor clamping stage across the signal lines. This combination provides very
robust surge protection with high transient suppression and low let-through
voltages. In addition protection is provided for cable screens which may be open
circuit at the instrument.
SLT-Y Adapter
Where a field instrument has no free cable entry Novaris can supply a Y-piece
adapter to accommodate the threaded instrument protector and cable gland.
The SLT-Y is available in the same thread types as the SLT protectors.
Model
Signal Type
Thread Size
Hazardous Area Product
M20 x 1.5
1/2 ” NPT
SLTx-7v5
0 - 5 VDC analogue
5 V digital
-M20
-N12
IS-SLTx-7v5
SLTx-18
0 - 12 VDC analogue
12 V digital
-M20
-N12
IS-SLTx-18
SLTx-36
0 - 24 VDC analogue
4-20 mA
-M20
-N12
IS-SLTx-36
SLTx-68
0 - 48 VDC analogue
48 V digital
-M20
-N12
–
SLT4-RTD
RTD applications
Thermocouple
-M20
-N12
IS-SLT4-RTD
SLT4-36-275
4-20 mA & Power supply
-M20
on request
–


Similar Part No. - SLT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLT-1000 LITTELFUSE-SLT-1000 Datasheet
128Kb / 1P
Signal 277V/120V Stepdown Transformers
logo
Bel Fuse Inc.
SLT-1000 BEL-SLT-1000 Datasheet
760Kb / 2P
Allows Installers to Derive a Fully Isolated 120 V Source from a 277 V Line
logo
List of Unclassifed Man...
SLT-12-20404-12T ETC2-SLT-12-20404-12T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLT-12-31010-12T ETC2-SLT-12-31010-12T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLT-12-61818-12T ETC2-SLT-12-61818-12T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
More results

Similar Description - SLT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
logo
Bourns Electronic Solut...
L11B BOURNS-L11B Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse & Overvoltage Protectors
logo
Rhombus Industries Inc.
F-2103 RHOMBUS-IND-F-2103 Datasheet
19Kb / 1P
SIGNAL LINE FILTER
F-2106 RHOMBUS-IND-F-2106 Datasheet
42Kb / 1P
SIGNAL LINE FILTER
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
278Kb / 3P
LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTORS
logo
SHANGHAI BELLING CO., L...
BL8506B BELLING-BL8506B Datasheet
270Kb / 6P
Store non-volatile RAM signal protectors
logo
TDK Electronics
MMZ1005A102ET000 TDK-MMZ1005A102ET000 Datasheet
156Kb / 10P
For general signal line GHz noise countermeasure (general signal line, high-speed signal line)
MMZ1005AFZ151VT000 TDK-MMZ1005AFZ151VT000 Datasheet
106Kb / 9P
For general signal line GHz noise countermeasure (general signal line, high-speed signal line)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com