Electronic Components Datasheet Search
  English  ▼

X  

SLT Datasheet(PDF) 2 Page - Novaris

Part # SLT
Description  SLT - Threaded Signal Line Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SLT Datasheet(HTML) 2 Page - Novaris

  SLT Datasheet HTML 1Page - Novaris SLT Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Specifications
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Novaris has a policy of continuing product development, therefore specifications are subject to change without notice. Copyright: © 2016 Novaris Pty Ltd
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Model
SLTx-7v5
SLTx-18
SLTx-36
SLTx-68
SLT4-RTD
SLT4-36-275
Electrical Specifications
Connection Type
Shunt
Shunt
Shunt
Shunt
Shunt
Shunt
Number of lines
x = 1 → 1 pair
x = 3 → 3 lines
x = 4 → 4 lines
4 lines
1 pair Signal (S)
1 L & N Power (P)
Modes of protection
Transverse and common mode
Maximum continuous voltage (DC)
U
c
7 V
18 V
36 V
65 V
8 V
36 V (S) / 350 V (P)
Maximum continuous voltage (AC)
U
c
5 V
14 V
30 V
50 V
6 V
30 V (S) / 275 V (P)
Maximum discharge current (8/20 µs)
I
max
5 kA per line (10 kA common mode)
Maximum discharge current (10/350 µs) I
imp
1.25 kA per line (2.5 kA common mode)
Impulse durability
C2 10 x 2.0 kA 8/20 µs
D1 2 x 0.5 kA 10/350 µs
C2 10 x 0.5 kA
8/20 µs
Maximum load current
I
L
–
L-L Voltage protection level @ 1 kV/ µs
U
p
45 V
50 V
75 V
100 V
45 V
75 V (S) / – (P)
L-L Voltage protection level @ 1 kA 8/20 µs U
p
70 V
75 V
110 V
160 V
70 V
– (S) / – (P)
L-L Voltage protection level @ 100 V/ s
25 V
30 V
60 V
80 V
25 V
55 V (S) / – (P)
L-PE Voltage protection level @ 1 kV/ µs
U
p
350 V
350 V
350 V
350 V
350 V
350 V (S) / 900 V (P)
L-PE Voltage protection level @ 2 kA 8/20 µs U
p
530 V
530 V
530 V
530 V
530 V
– (S) / – (P)
L-PE Voltage protection level @ 100 V/ s
230 V
230 V
230 V
230 V
230 V
230 V (S) / 600 V (P)
AC durability
1 A rms, 5 x 1 s
1 A rms, 5 x 1 s
1 A rms, 5 x 1 s
1 A rms, 5 x 1 s
1 A rms, 5 x 1 s
1 A rms, 5 x 1 s
Overstressed fault mode
Mode 1 (SLT disconnected, line still operable)
Response time
t
A
< 5 ns
Line resistance
–
Line inductance
–
L-L capacitance
20 nF
10 nF
7 nF
1 nF
20 nF
7 nF (S) / 60 pF (P)
L-PE capacitance
< 1 pF
Insertion loss @ 150 Ω
–
3 dB Frequency @ 150 Ω
f
c
100 kHz
Mechanical Specifications
Operating temperature
-40 to +85 ºC
Humidity Range
5 to 95%
Connection type / capacity
250 mm, 0.75 mm2 flying leads
Terminal screw torque
–
Environmental
IP 67 installed
Dimensional Drawing
Given by thread size
Mounting
Thread options M20 x 1.5 or 1/2 “ NTP
Earthing
via lead; 90 V isolation between earth and shield
Enclosure / Colour
Stainless steel
Standards
IEC 61643-21:2012
SPD connected to telecommunications and signalling networks - Cat C2, D1
AS/NZS 1768:2007
Signalling/Telecommunications surge protection
UL 1449 3rd edition & UL 497B
Protectors for data communications and fire-alarm circuits
ITU-T K.44: 2012
Resistibility tests for telecommunication equipment exposed to overvoltages and overcurrents
Shipping
Weight
165 g
165 g
165 g
165 g
165 g
165 g
Customs Tariff
85363000
85363000
85363000
85363000
85363000
85363000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com