Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA14531MOD
Description  SmartBond TINY Bluetooth® LE Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14531MOD Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA14531MOD Datasheet HTML 1Page - Renesas Technology Corp DA14531MOD Datasheet HTML 2Page - Renesas Technology Corp DA14531MOD Datasheet HTML 3Page - Renesas Technology Corp DA14531MOD Datasheet HTML 4Page - Renesas Technology Corp DA14531MOD Datasheet HTML 5Page - Renesas Technology Corp DA14531MOD Datasheet HTML 6Page - Renesas Technology Corp DA14531MOD Datasheet HTML 7Page - Renesas Technology Corp DA14531MOD Datasheet HTML 8Page - Renesas Technology Corp DA14531MOD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Datasheet
DA14531MOD
SmartBond TINY Bluetooth® LE Module
R18DS0047EE0340 Revision 3.4
Sept 20, 2024
CFR0011-120-00
Page 1
© 2024 Renesas Electronics
General Description
The DA14531 SmartBond TINYTM Module is the first Renesas Bluetooth®
Low Energy module based on world’s
lowest power DA14531 SoC.
The module offers a unique combination of the lowest power and the integration of all external components
including antenna at a very affordable price.
The module is designed to enable the use of Bluetooth® Low Energy in applications where Bluetooth® Low
Energy could not be used until now because of cost or complexity. The bigger picture is to drive Bluetooth® Low
Energy technology into every application, turning every product into a connected IoT node to drive the next
1 billion IoT devices in the market.
The SmartBond TINYTM Module is supported by software that is easy to work with. This lowers the threshold to
use Bluetooth® Low Energy technology and significantly speeds up the design time.
The module comes with a configurable DSPS (serial port service) and next generation Codeless software to
design Bluetooth® applications without Bluetooth® knowledge or advanced programming skills. The combination
of an affordable price, the lowest power consumption and ease of use makes the DA14531 TINYTM Module an
ideal product for the mass market, including the makers community.
Key Features
▪ Bluetooth®
• Compatible with Bluetooth® v5.1,
• ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US) and ARIB
STD-T66 (Japan) core
• Supports up to three connections
• Renesas registered BD address preprogrammed in
OTP
▪ Processing and memories
• 16 MHz 32-bit Arm® Cortex® M0+ with SWD
interface
• 128 kB internal FLASH
• 48 kB RAM
• 144 kB ROM
• 32 kB OTP
▪ Current Consumption
• 2 mA RX at VBAT = 3 V
• 4 mA TX at VBAT = 3 V and 0 dBm
• 1.8 µA at sleep with all RAM retained
▪ Radio
• Programmable RF transmit power from
-19 to +2.2 dBm
• -93 dBm receiver sensitivity
▪ Power Management
• Operating range (1.8 V – 3.6 V)
• Inrush current control
▪ Interfaces
• Quadrature decoder with three channels
• Three channel 11-bit ENOB ADC
• Two general purpose timers with PWM
• Nine GPIOs
• SPI
• 2x UART, 1-wire UART support
• I2C
▪ Packaging
• 12.5 mm x 14.5 mm x 2.8 mm package
▪ Module Software Development Kit
• Configurable DSPS
• Codeless v2.0
• SDK6 support
▪ Module Software Tools
• Flash/OTP programmer
• SUOTA support
• Battery Life Estimation
• Data Rate Monitoring
• Real-Time Power Profiling
• Production Line Testing
▪ Standards Conformance
• BT SIG QDID 113959
• Europe (CE/RED/UKCA) and US (FCC)
• Canada (IC) and Japan (MIC)


Similar Part No. - DA14531MOD

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
SmartBond TINYTM Module
DA14531MOD-00F0100C DIALOG-DA14531MOD-00F0100C Datasheet
2Mb / 32P
SmartBond TINYTM Module
More results

Similar Description - DA14531MOD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYBLE-343072-EVAL-M2B INFINEON-CYBLE-343072-EVAL-M2B Datasheet
3Mb / 4P
AIROC Bluetooth LE module evaluation kit
Rev. A 08 / 2022
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
CYW20835 INFINEON-CYW20835 Datasheet
791Kb / 46P
AIROC™ Bluetooth® LE system on chip
Rev. B 2023-01-18
CY8C63X6 INFINEON-CY8C63X6 Datasheet
2Mb / 108P
PSoC™ 63 MCU with Bluetooth® LE
Rev. R 2023-05-10
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com