Electronic Components Datasheet Search
  English  ▼

X  

0803068 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803068
Description  TMT (EX10)R - Marker for terminal blocks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803068 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803068 Datasheet HTML 1Page - PHOENIX CONTACT 0803068 Datasheet HTML 2Page - PHOENIX CONTACT 0803068 Datasheet HTML 3Page - PHOENIX CONTACT 0803068 Datasheet HTML 4Page - PHOENIX CONTACT 0803068 Datasheet HTML 5Page - PHOENIX CONTACT 0803068 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300
(D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: latching, snap
into flat marker groove, Number of individual labels: 1, text field height: 10 mm, text field width:
50000 mm
Your advantages
The TMT labeling range includes markers for all products with tall and flat marker grooves
•
Quick and inexpensive marking with THERMOMARK ... roll printers from Phoenix Contact
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The thermal transfer printer cutting units make it possible to trim precisely to the required length
•
Labeling service: Phoenix Contact can custom-label all TMT ... markers in accordance with your requirements
•
Commercial data
Item number
0803068
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
NULL
Product key
BG2111
Catalog page
Page 142 (C-3-2019)
GTIN
4046356935678
Weight per piece (including packing)
455 g
Weight per piece (excluding packing)
455 g
Customs tariff number
39269097
Country of origin
FR
TMT (EX10)R - Marker for terminal blocks
0803068
https://www.phoenixcontact.com/us/products/0803068
May 9, 2025, 4:29AM
Page 1 (6)


Similar Part No. - 0803068

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803060 PHOENIX-0803060 Datasheet
199Kb / 7P
EML (...X...)R YE - Label
0803062 PHOENIX-0803062 Datasheet
186Kb / 6P
TMT (EX5,5)R - Marker for terminal blocks
0803064 PHOENIX-0803064 Datasheet
53Kb / 2P
Marker for terminal blocks - TMT (EX6,5)R
0803067 PHOENIX-0803067 Datasheet
186Kb / 6P
TMT (EX8,5)R - Marker for terminal blocks
More results

Similar Description - 0803068

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801839 PHOENIX-0801839 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX10)R
0803064 PHOENIX-0803064 Datasheet
53Kb / 2P
Marker for terminal blocks - TMT (EX6,5)R
0819262 PHOENIX-0819262 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 16
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821425 PHOENIX-0821425 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TMF 5
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0830902 PHOENIX-0830902 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TMF (5X5)
1050059-R PHOENIX-1050059-R Datasheet
48Kb / 2P
Marker for terminal blocks - ZB 5,LGS:GROSSBUCHST. R
1051058-R PHOENIX-1051058-R Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN R
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com