Electronic Components Datasheet Search
  English  ▼

X  

0803068 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803068
Description  TMT (EX10)R - Marker for terminal blocks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803068 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803068 Datasheet HTML 1Page - PHOENIX CONTACT 0803068 Datasheet HTML 2Page - PHOENIX CONTACT 0803068 Datasheet HTML 3Page - PHOENIX CONTACT 0803068 Datasheet HTML 4Page - PHOENIX CONTACT 0803068 Datasheet HTML 5Page - PHOENIX CONTACT 0803068 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Notes
Note on application
For the THERMOMARK ROLL and THERMOMARK ROLL 2.0
roll printers, this material can only be processed with an external
media hub.
Product properties
Product type
Terminal marking
Area of application
Fuji Electronics Industry: Marker strips for connection terminal
blocks
Type
flat
Marking
Number of individual labels
1
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Dimensions
Width
10 mm
Length
50 m
Material strength
0.50 mm
Text field
Text field width
50000 mm
Text field height
10 mm
Material specifications
RoHS compliant
yes
Color
white (RAL 9010)
Material
PVC
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
TMT (EX10)R - Marker for terminal blocks
0803068
https://www.phoenixcontact.com/us/products/0803068
May 9, 2025, 4:29AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com