Electronic Components Datasheet Search
  English  ▼

X  

0809528 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809528
Description  ZBF 5,LGS:L1-N,PE - Zack marker strip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809528 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809528 Datasheet HTML 1Page - PHOENIX CONTACT 0809528 Datasheet HTML 2Page - PHOENIX CONTACT 0809528 Datasheet HTML 3Page - PHOENIX CONTACT 0809528 Datasheet HTML 4Page - PHOENIX CONTACT 0809528 Datasheet HTML 5Page - PHOENIX CONTACT 0809528 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Zack marker strip, Strip, white, labeled, printed horizontally: L1, L2, L3, N, PE, L1, L2, L3, N, PE,
mounting type: latching, for terminal block width: 5 mm, Number of individual labels: 10, text field
height: 5.15 mm, text field width: 5.15 mm
Commercial data
Item number
0809528
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2122
Catalog page
Page 127 (C-3-2019)
GTIN
4017918607418
Weight per piece (including packing)
0.53 g
Weight per piece (excluding packing)
0.53 g
Country of origin
DE
ZBF 5,LGS:L1-N,PE - Zack marker strip
0809528
https://www.phoenixcontact.com/us/products/0809528
May 9, 2025, 4:40AM
Page 1 (6)


Similar Part No. - 0809528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0809502 PHOENIX-0809502 Datasheet
52Kb / 3P
Insert strip - ESL 62X46
09/11/2020
0809557 PHOENIX-0809557 Datasheet
177Kb / 4P
ZB 5/WH-100:UNBD. SO:MOLDED - Zack marker strip
logo
Littelfuse
08095800 LITTELFUSE-08095800 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
08095890 LITTELFUSE-08095890 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
08095900 LITTELFUSE-08095900 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
More results

Similar Description - 0809528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808671-0071 PHOENIX-0808671-0071 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 71-80
0808671-0091 PHOENIX-0808671-0091 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 91-100
0808671-0151 PHOENIX-0808671-0151 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 151-160
0808671-0161 PHOENIX-0808671-0161 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 161-170
0811998 PHOENIX-0811998 Datasheet
62Kb / 3P
Zack marker strip - ZB 15,LGS:L1-N,PE
0827462 PHOENIX-0827462 Datasheet
61Kb / 2P
Zack marker strip - ZB 16,LGS:L1-N,PE
1050415 PHOENIX-1050415 Datasheet
53Kb / 2P
Zack marker strip - ZB 5,LGS:L1-N,PE
1051414 PHOENIX-1051414 Datasheet
47Kb / 2P
Zack marker strip - ZB 6,LGS:L1-N,PE
1052413 PHOENIX-1052413 Datasheet
53Kb / 2P
Zack marker strip - ZB 8,LGS:L1-N,PE
1053412 PHOENIX-1053412 Datasheet
53Kb / 2P
Zack marker strip - ZB10,LGS:L1-N,PE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com