Electronic Components Datasheet Search
  English  ▼

X  

0809528 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0809528
Description  ZBF 5,LGS:L1-N,PE - Zack marker strip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809528 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0809528 Datasheet HTML 1Page - PHOENIX CONTACT 0809528 Datasheet HTML 2Page - PHOENIX CONTACT 0809528 Datasheet HTML 3Page - PHOENIX CONTACT 0809528 Datasheet HTML 4Page - PHOENIX CONTACT 0809528 Datasheet HTML 5Page - PHOENIX CONTACT 0809528 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Pitch
5 mm
Type
flat
Marking
Number of individual labels
10
Number of individual labels per row
10
Number of marker strips
10
Printing direction
printed horizontally
Printing
L1, L2, L3, N, PE, L1, L2, L3, N, PE
Mounting
Mounting type
latching
Material specifications
Color
white (RAL 9010)
Material
PA
Flammability rating according to UL 94
V2
Components
free from silicone and halogen
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Dimensions
Width
5 mm
Pitch
5 mm
Text field
Text field width
5.15 mm
Text field height
5.15 mm
Standards and regulations
ZBF 5,LGS:L1-N,PE - Zack marker strip
0809528
https://www.phoenixcontact.com/us/products/0809528
May 9, 2025, 4:40AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com