Electronic Components Datasheet Search
  English  ▼

X  

BOD002R Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOD002R
Description  BOD 6K-RAI02-S75
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOD002R Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOD002R Datasheet HTML 1Page - Balluff Korea Ltd. BOD002R Datasheet HTML 2Page - Balluff Korea Ltd. BOD002R Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photoelectric Sensors
BOD 6K-RAI02-S75
Order Code: BOD002R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-08-01
Subject to change without notice: 291949
ETIM 6.0: EC001825
BOD002R_1.2_2025-03-27
1 / 3
1) Output function, 2) Operating voltage, 3) Sn, light/dark, 4) Optical axis receiver, 5) Optical axis emitter
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2, IEC 60947-5-7
Operating mode
SIO Mode
IO-Link Mode
Principle of operation
Photoelectric distance sensor
Series
6K
Style
Square
Connection 90°
Display/Operation
Adjuster
button
Display
LED green: Power
LED yellow: Output active
Setting
Various setting options for service
and process data via IO-Link
Analog value output mode
Meas.field limits
Switching output Q
Electrical connection
Connection
Connector, M8x1-Male, 4-pin
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Input function
Key disable on/off
Same function as button
No-load current Io max. at Ue
30 mA
Operating voltage Ub
13...30 VDC
Protection class
II
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
10 %
Switching frequency
1000 Hz
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Voltage drop Ud max. at Ie
2.4 V
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67, IP69
Storage temperature
-20...80 °C
Functional safety
MTTF (40 °C)
355 a
n


Similar Part No. - BOD002R

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOD002L BALLUFF-BOD002L Datasheet
142Kb / 4P
Photoelectric Sensors
BOD002M BALLUFF-BOD002M Datasheet
132Kb / 3P
Photoelectric Sensors
BOD002N BALLUFF-BOD002N Datasheet
132Kb / 3P
Photoelectric Sensors
BOD002T BALLUFF-BOD002T Datasheet
108Kb / 3P
BOD 6K-RAI02-02
2025-03-27
BOD002U BALLUFF-BOD002U Datasheet
106Kb / 3P
BOD 6K-RAI03-S75
2025-03-27
More results

Similar Description - BOD002R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
logo
Tumbler Technologies + ...
T2-2S0505EH TRUMPOWER-T2-2S0505EH Datasheet
29Kb / 1P
DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
logo
Sanyo Semicon Device
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
Amphenol Corporation
MA700 AMPHENOL-MA700 Datasheet
54Kb / 4P
Nominal 6K/30K 廓at 77째F (25째C)
logo
Pasternack Enterprises,...
PE7052-6 PASTERNACK-PE7052-6_16 Datasheet
227Kb / 3P
6 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Bod
PE7090-10 PASTERNACK-PE7090-10_16 Datasheet
236Kb / 3P
10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Bod
logo
PHOENIX CONTACT
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com