Electronic Components Datasheet Search
  English  ▼

X  

BOD002R Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOD002R
Description  BOD 6K-RAI02-S75
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOD002R Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOD002R Datasheet HTML 1Page - Balluff Korea Ltd. BOD002R Datasheet HTML 2Page - Balluff Korea Ltd. BOD002R Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOD 6K-RAI02-S75
Order Code: BOD002R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-08-01
Subject to change without notice: 291949
ETIM 6.0: EC001825
BOD002R_1.2_2025-03-27
2 / 3
IO-Link
IO-Link Profil IDs
0x000E SSP 2.7
0x4000 Identification and
Diagnosis
IO-Link function classes
0x800C Transducer Disable
0x8011 Multi Teach Two Value
0x8012 Multi Teach Dynamic
0x8101 Locator
Interface
Analog output
Analog, voltage 1…10 V/3 mA
Baud rate
COM2 (38.4 kBaud)
Interface
IO-Link-Device 1.1.3
Switching output
PNP/NPN/Auto-Detect normally
open/normally closed (NO/NC)
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Light spot size
8 x 8 mm at 80 mm
Light type
LED, red light
Principle of optical operation
Triangulation
Switching function, optical
Light/dark switching
Wave length
632 nm
Range/Distance
Distance deviation 18 % max. (% of Sr)
4 %
Hysteresis H max. (% of Sr)
4 %
Non-linearity max.
±400 µm
Range
20...80 mm
Rated operating distance Sn
80 mm, Adjustable
Repeat accuracy
0.4 mm
Resolution
≤ 0.12 mm
Remarks
The sensor is functional again after the overload has been eliminated.
Reference object (target): gray card, 100 x 100, 90 % remission, axial approach.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For additional information, refer to user's guide.
Order accessories separately.
Do not press key using a pointed tool.
When using as a UL product the ambient temperature Ta max. must not exceed 50°C.
Technical data are valid after warmup time> 10 minutes
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com