Electronic Components Datasheet Search
  English  ▼

X  

0803948 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803948
Description  ZB 7,5:UNBEDRUCKT - Zack marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803948 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803948 Datasheet HTML 1Page - PHOENIX CONTACT 0803948 Datasheet HTML 2Page - PHOENIX CONTACT 0803948 Datasheet HTML 3Page - PHOENIX CONTACT 0803948 Datasheet HTML 4Page - PHOENIX CONTACT 0803948 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Zack marker strip, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER,
mounting type: latching, for terminal block width: 7.5 mm, Number of individual labels: 10, text
field height: 10.5 mm, text field width: 7.4 mm
Your advantages
Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
•
The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
•
Commercial data
Item number
0803948
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG05
Product key
BG2112
Catalog page
Page 119 (C-3-2019)
GTIN
4017918007836
Weight per piece (including packing)
1.77 g
Weight per piece (excluding packing)
1.2 g
Customs tariff number
39269097
Country of origin
DE
ZB 7,5:UNBEDRUCKT - Zack marker strip
0803948
https://www.phoenixcontact.com/us/products/0803948
May 13, 2025, 6:52AM
Page 1 (5)


Similar Part No. - 0803948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803942 PHOENIX-0803942 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX12)R C1 YE/BK
0803943 PHOENIX-0803943 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 YE/BK
0803946 PHOENIX-0803946 Datasheet
188Kb / 5P
MM-EMLF (EX12)R C1 BU/WH - Label, highly flexible
More results

Similar Description - 0803948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0811862 PHOENIX-0811862 Datasheet
61Kb / 2P
Zack marker strip - ZB 22:UNBEDRUCKT
0811972 PHOENIX-0811972 Datasheet
54Kb / 2P
Zack marker strip - ZB 15:UNBEDRUCKT
0812120 PHOENIX-0812120 Datasheet
54Kb / 2P
Zack marker strip - ZB 12:UNBEDRUCKT
0829414 PHOENIX-0829414 Datasheet
62Kb / 3P
Zack marker strip - ZB 3,5:UNBEDRUCKT
1052002 PHOENIX-1052002 Datasheet
55Kb / 2P
Zack marker strip - ZB 8:UNBEDRUCKT
1052332 PHOENIX-1052332 Datasheet
54Kb / 2P
Zack marker strip - ZB 6,6:UNBEDRUCKT
1054000 PHOENIX-1054000 Datasheet
55Kb / 2P
Zack marker strip - ZB 7,62:UNBEDRUCKT
0811833 PHOENIX-0811833 Datasheet
66Kb / 4P
Zack marker strip - ZB 18:UNBEDRUCKT
09/11/2020
0829391 PHOENIX-0829391 Datasheet
112Kb / 3P
Zack marker strip - ZB 17:UNBEDRUCKT
01/21/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com