Electronic Components Datasheet Search
  English  ▼

X  

0803948 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803948
Description  ZB 7,5:UNBEDRUCKT - Zack marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803948 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803948 Datasheet HTML 1Page - PHOENIX CONTACT 0803948 Datasheet HTML 2Page - PHOENIX CONTACT 0803948 Datasheet HTML 3Page - PHOENIX CONTACT 0803948 Datasheet HTML 4Page - PHOENIX CONTACT 0803948 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
General
Can be labeled with CMS
Product properties
Product type
Terminal marking
Pitch
7.5 mm
Type
high
Marking
Number of individual labels
10
Number of individual labels per row
10
Number of marker strips
10
Dimensions
Width
7.5 mm
Pitch
7.5 mm
Text field
Text field width
7.4 mm
Text field height
10.5 mm
Material specifications
Color
white (RAL 9010)
Material
PA
Flammability rating according to UL 94
V2
Components
free from silicone and halogen
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
ZB 7,5:UNBEDRUCKT - Zack marker strip
0803948
https://www.phoenixcontact.com/us/products/0803948
May 13, 2025, 6:52AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com