Electronic Components Datasheet Search
  English  ▼

X  

ISL7/PROTO124SRHF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL7/PROTO124SRHF
Description  Single-Event Hardened, Single Supply, Quad Operational Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL7/PROTO124SRHF Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL7/PROTO124SRHF Datasheet HTML 1Page - Renesas Technology Corp ISL7/PROTO124SRHF Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN9090 Rev 1.00
Page 1 of 2
February 23, 2012
FN9090
Rev 1.00
February 23, 2012
ISL7124SRH, ISL7124SEH
Single-Event Hardened, Single Supply, Quad Operational Amplifiers
DATASHEET
The single-event radiation hardened ISL7124SRH,
ISL7124SEH consist of four independent, high gain, internally
frequency compensated operational amplifiers, specifically
designed to operate from a single power supply over a wide
range of voltages. These devices are functionally equivalent to
industry standard 124 types, offering improvements in supply
current and power supply rejection ratio.
Constructed with Intersil’s dielectrically isolated, radiation
hardened silicon gate (RSG) BiCMOS process, these devices
are immune to single event latchup. Additionally, the design
has been hardened to prevent single event transients (SETs) in
excess of 1V for LETs up to 36MeV/mg/cm2.
The ISL7124SRH, ISL7124SEH have been specifically
designed and manufactured to provide highly reliable
performance in harsh radiation environments. They are total
dose hardened to 300krad(Si) and offer guaranteed
performance over the full -55°C to +125°C military
temperature range.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-02542. A “hot-link” is provided on our
website for downloading.
Pin Configuration
ISL7124SRH, ISL7124SEH (FLATPACK CDFP3-F14)
TOP VIEW
Features
• QML Qualified per MIL-PRF-38535 Requirements
• Electrically Screened to DLA SMD # 5962-02542
• Radiation Environment
- Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . .300krad(Si)(Max)
-Latch-Up Immune
- SET Threshold (Delta Vo<1V) . . . . . .36MeV/mg/cm2(Min)
• Single Supply Voltage Range (5V to 30V)
• Input Common Mode Voltage Range Includes Ground
• Input Offset Voltage. . . . . . . . . . . . . . . . . . . . . . +/-10mV(Max)
• Input Offset Current . . . . . . . . . . . . . . . . . . . . . +/-150nA(Max)
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . 400nA(Max)
• Open Loop Voltage Gain . . . . . . . . . . . . . . . . . . . 20V/mV(Min)
• Power Supply Rejection Ratio . . . . . . . . . . . . . . . . .70dB(Min)
• Common Mode Rejection Ratio . . . . . . . . . . . . . . . .70dB(Min)
• ESD (HBM). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3000V(Min)
Applications
• Single Supply Operation of Op-Amp Circuits
• General Analog Signal Processing
14
13
12
11
10
9
8
2
3
4
5
6
7
1
OUT 1
-IN 1
+IN 1
+VCC
+IN 2
-IN 2
OUT 2
OUT 4
-IN 4
+IN 4
-VCC
+IN 3
-IN 3
OUT 3
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
5962F0254201VXC
ISL7124SRHVF
Q 5962F02 54201VXC
-55 to 125
14 Lead Ceramic Metal Seal Flatpack
K14.A
5962F0254201QXC
ISL7124SRHQF
Q 5962F02 54201QXC
-55 to 125
14 Lead Ceramic Metal Seal Flatpack
K14.A
5962F0254202VXC
ISL7124SEHVF
Q 5962F02 54202VXC
-55 to 125
14 Lead Ceramic Metal Seal Flatpack
K14.A
ISL7124SRHF/Proto
ISL7124SRHF/Proto
ISL7 /PROTO 124SRHF
-55 to 125
14 Lead Ceramic Metal Seal Flatpack
K14.A


Similar Part No. - ISL7/PROTO124SRHF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001ASEHEV1Z INTERSIL-ISL70001ASEHEV1Z Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
logo
Renesas Technology Corp
ISL70001ASEHEV1Z RENESAS-ISL70001ASEHEV1Z Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001ASEHF INTERSIL-ISL70001ASEHF Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
More results

Similar Description - ISL7/PROTO124SRHF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL7124SRH INTERSIL-ISL7124SRH Datasheet
135Kb / 2P
Single-Event Hardened, Single Supply, Quad Operational Amplifier
September 2002
logo
ON Semiconductor
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com