Electronic Components Datasheet Search
  English  ▼

X  

BLB01 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BLB01
Description  500 – 1500 MHz High Linearity LNA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB01 Datasheet(HTML) 1 Page - BeRex Corporation

  BLB01 Datasheet HTML 1Page - BeRex Corporation BLB01 Datasheet HTML 2Page - BeRex Corporation BLB01 Datasheet HTML 3Page - BeRex Corporation BLB01 Datasheet HTML 4Page - BeRex Corporation BLB01 Datasheet HTML 5Page - BeRex Corporation BLB01 Datasheet HTML 6Page - BeRex Corporation BLB01 Datasheet HTML 7Page - BeRex Corporation BLB01 Datasheet HTML 8Page - BeRex Corporation BLB01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
500 – 1500 MHz High Linearity LNA
BLB01
1
Rev. 6.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
• Internally matched to 50 ohms
• Operated at 3.0V and 5.0V
• 37.5 dBm Output IP3 at 0dBm/tone at 700MHz
• 22.5dB Gain at 700MHz
• 21.1dBm P1dB at 700 MHz
• 0.43 dB NF at 700MHz on evaluation board
• Green/RoHS2 Compliant DFN8 2x2 Package
BeRex’s BLB01 is a high linearity LNA, based on
GaAs material with E-pHEMT process and pack-
aged in a RoHS2-compliant DFN 8L 2x2mm
2 Sur-
face mount package. It is designed for use where
low noise and high linearity are required and fea-
tures low noise and high OIP3 at Frequency
range of 0.5~1.5GHz. It is internally matched to 50
Ohms without external matching components,
with fast enable switching speed for TD-LTE appli-
cation. All devices are 100% RF/DC tested and
classified as HBM ESD Class 1C.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE systems
Applications
Applications Circuit
BOM
Value
Size
Vendor
C1,C4
100pF
0603
Samsung
C2,C3
12pF
0603
Samsung
R1
6.8Kohm
0603
Samsung
R2
0 ohm
0603
Samsung
L1
27nH
0603
Taiyo Yuden
L2
82nH
0603
Taiyo Yuden
* Refer to page 14 for Enable application.
Part Marking (XX:Wafer number)
* NF : Losses on input and output transmission lines on PCB are not de-embedded.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Bandwidth
500
1500
MHz
Id @ (Vd = 5.0V)
53
66
79
mA
Id @ (Vd = 3.0V)
22
27
32
mA
Vd
3
5
5.25
V
dG/dT
-0.008
dB/°C
RTH
24.76
°C/W
Operating Case Temperature
-40
+105
°C
Switching Time(Ton)
140
ns
Switching Time(Toff )
140
ns
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Electrical Specifications
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3V, 50 Ω system.
C1
C2
RF In
RF Out
Vd
L2
L1
R1
R2
C3
BLB03
C4
1
2
3
4
8
7
6
5
* NF : Losses on input and output transmission lines on PCB are not de-embedded.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
500
1500
MHz
Test Frequency
700
MHz
Gain
21.0
22.5
dB
Input Return Loss
-12.3
dB
Output Return Loss
-15.4
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
34.5
37.5
dBm
Output P1dB
20.1
21.1
dBm
Noise Figure
0.43
0.63
dB
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
500
1500
MHz
Test Frequency
700
MHz
Gain
20.0
21.5
dB
Input Return Loss
-12.1
dB
Output Return Loss
-12.9
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
27.5
30.5
dBm
Output P1dB
15.9
16.9
dBm
Noise Figure
0.44
0.64
dB


Similar Part No. - BLB01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
More results

Similar Description - BLB01

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL19H ASB-ASL19H Datasheet
539Kb / 9P
5-4000 MHz High Linearity LNA MMIC
December 2010
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com