Electronic Components Datasheet Search
  English  ▼

X  

BLB01 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BLB01
Description  500 – 1500 MHz High Linearity LNA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB01 Datasheet(HTML) 2 Page - BeRex Corporation

  BLB01 Datasheet HTML 1Page - BeRex Corporation BLB01 Datasheet HTML 2Page - BeRex Corporation BLB01 Datasheet HTML 3Page - BeRex Corporation BLB01 Datasheet HTML 4Page - BeRex Corporation BLB01 Datasheet HTML 5Page - BeRex Corporation BLB01 Datasheet HTML 6Page - BeRex Corporation BLB01 Datasheet HTML 7Page - BeRex Corporation BLB01 Datasheet HTML 8Page - BeRex Corporation BLB01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
500 – 1500 MHz High Linearity LNA
BLB01
2
Rev. 6.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
Absolute Maximum Ratings
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+160
°C
Supply Voltage
+6
V
Supply Current
130
mA
Input RF Power
21
dBm
Typical Performance (Vd=5.0V, Id=66mA , T=25°C)
Parameter
Frequency
Unit
Vd = 5V
500
700
800
900
MHz
1500
Gain
24.5
22.5
21.7
21
dB
17.5
S11
-15.5
-12.3
-12.0
-11.7
dB
-11.5
S22
-8.7
-15.4
-19.3
-22.5
dB
-15.8
OIP3
38.0
37.5
35.5
35.5
dBm
32.5
P1dB
21.2
21.1
21.2
20.9
dBm
19.3
Noise Figure
0.6
0.43
0.4
0.44
dB
0.7
Parameter
Frequency
Unit
Vd = 3V
500
700
800
900
MHz
1500
Gain
23.3
21.4
20.5
19.7
dB
16.1
S11
-18.3
-12.1
-11.0
-10.4
dB
-9.3
S22
-7.4
-12.9
-15.0
-16.5
dB
-13.7
OIP3
31.0
30.5
29.5
28.5
dBm
27.0
P1dB
16.2
16.9
17.1
17.2
dBm
17.5
Noise Figure
0.59
0.44
0.41
0.45
dB
0.76
* NF
: Losses on input and output transmission lines on PCB are not de-embedded.
* NF
: Losses on input and output transmission lines on PCB are not de-embedded.
Typical Performance (Vd=3.0V, Id=27mA, T=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com