Electronic Components Datasheet Search
  English  ▼

X  

BLB02 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BLB02
Description  1500 – 2700 MHz High Linearity LNA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB02 Datasheet(HTML) 1 Page - BeRex Corporation

  BLB02 Datasheet HTML 1Page - BeRex Corporation BLB02 Datasheet HTML 2Page - BeRex Corporation BLB02 Datasheet HTML 3Page - BeRex Corporation BLB02 Datasheet HTML 4Page - BeRex Corporation BLB02 Datasheet HTML 5Page - BeRex Corporation BLB02 Datasheet HTML 6Page - BeRex Corporation BLB02 Datasheet HTML 7Page - BeRex Corporation BLB02 Datasheet HTML 8Page - BeRex Corporation BLB02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1500 – 2700 MHz High Linearity LNA
BLB02
1
Rev. 7.5
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
• Internally matched to 50 ohms
• Operated at 3.0V and 5.0V
• 36.2 dBm Output IP3 at 0dBm/tone at 1850 MHz
• 18.5dB Gain at 1850MHz
• 19.6dBm P1dB at 1850MHz
• 0.77 dB NF at 1850MHz on evaluation board
• Green/RoHS2 Compliant DFN8 2x2 Package
BeRex’s BLB02 is a high linearity LNA, based on
GaAs material with E-pHEMT process and pack-
aged in a RoHS2-compliant DFN 8L 2x2mm
2 Sur-
face mount package. It is designed for use where
low noise and high linearity are required and fea-
tures low noise and high OIP3 at Frequency range
of 1.5~2.7GHz. It is internally matched to 50 Ohms
without external matching components, with fast
enable switching speed for TD-LTE application. All
devices are 100% RF/DC tested and classified as
HBM ESD Class 1B.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE systems
Applications
Applications Circuit
BOM
5V Value
3V Value
Size
Vendor
C1,C2,C4
100pF
100pF
0603
Samsung
C3
12pF
12pF
0603
Samsung
R1
6.8Kohm
5.1Kohm
0603
Samsung
R2
3 ohm
3 ohm
0603
Samsung
L1
15nH
15nH
0603
Taiyo Yuden
L2
39nH
39nH
0603
Taiyo Yuden
* Refer to page 14 for Enable application.
Part Marking (XX:Wafer number)
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Bandwidth
1500
2700
MHz
Id @ (Vd = 5.0V)
48
60
72
mA
Id @ (Vd = 3.0V)
28
35
42
mA
Vd
3
5
5.25
V
dG/dT
-0.008
dB/°C
RTH
34.1
°C/W
Operating Case Temperature
-40
+105
°C
Switching Time(Ton)
250
ns
Switching Time(Toff )
140
ns
Electrical Specifications
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3V, 50 Ω system.
C1
C2
RF In
RF Out
Vd
L2
L1
R1
R2
C3
BLB03
C4
1
2
3
4
8
7
6
5
* N.F : Losses on input and output transmission lines on PCB are not de-embedded.
* N.F : Losses on input and output transmission lines on PCB are not de-embedded.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
1500
2700
MHz
Test Frequency
1850
MHz
Gain
17.0
18.5
dB
Input Return Loss
-11.5
dB
Output Return Loss
-15.5
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
33.2
36.2
dBm
Output P1dB
18.6
19.6
dBm
Noise Figure
0.77
0.97
dB
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
1500
2700
MHz
Test Frequency
1850
MHz
Gain
16.6
18.1
dB
Input Return Loss
-10.4
dB
Output Return Loss
-14.8
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
27.2
30.2
dBm
Output P1dB
14.6
15.6
dBm
Noise Figure
0.7
0.9
dB


Similar Part No. - BLB02

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB02 BEREX-BLB02 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
More results

Similar Description - BLB02

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
1500 to 2700 MHz Bypass LNA
logo
Skyworks Solutions Inc.
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
2300 ??2700 MHz High Gain and Linearity
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com