Electronic Components Datasheet Search
  English  ▼

X  

BLB02 Datasheet(PDF) 14 Page - BeRex Corporation

Part # BLB02
Description  1500 – 2700 MHz High Linearity LNA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB02 Datasheet(HTML) 14 Page - BeRex Corporation

Back Button BLB02 Datasheet HTML 9Page - BeRex Corporation BLB02 Datasheet HTML 10Page - BeRex Corporation BLB02 Datasheet HTML 11Page - BeRex Corporation BLB02 Datasheet HTML 12Page - BeRex Corporation BLB02 Datasheet HTML 13Page - BeRex Corporation BLB02 Datasheet HTML 14Page - BeRex Corporation BLB02 Datasheet HTML 15Page - BeRex Corporation BLB02 Datasheet HTML 16Page - BeRex Corporation BLB02 Datasheet HTML 17Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
1500 – 2700 MHz High Linearity LNA
BLB02
14
Rev. 7.5
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
Enable Application
Min.
Typical
Max.
Unit
Raising Time(Ton)
250
ns
Falling Time(Toff )
140
ns
Vd
Ven
State
5V
0V
Off
5V
5V
On
Component
Value
Size
Vendor
C1,C2,C4
100pF
0603
Samsung
C3
12pF
0603
Samsung
R1
6.8Kohm
0603
Samsung
R2
3 ohm
0603
Samsung
L1
15nH
0603
Taiyo Yuden
L2
39nH
0603
Taiyo Yuden
State function
Switching Time
Application circuit
BOM
C1
C2
RF In
RF Out
Vd
L2
L1
R1
R2
C3
BLB03
C4
1
2
3
4
8
7
6
5
Ven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com