Electronic Components Datasheet Search
  English  ▼

X  

0852151 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0852151
Description  TML (101X4,2)R P12 TR CUS - Marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0852151 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0852151 Datasheet HTML 1Page - PHOENIX CONTACT 0852151 Datasheet HTML 2Page - PHOENIX CONTACT 0852151 Datasheet HTML 3Page - PHOENIX CONTACT 0852151 Datasheet HTML 4Page - PHOENIX CONTACT 0852151 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker strip, Roll, can be ordered: by line, transparent, labeled according to customer
specifications, can be labeled with: THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLL 2.
0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600,
THERMOMARK X1.2, mounting type: adhesive, for terminal block width: 12 mm, Number of
individual labels: 1, text field height: 4.2 mm, text field width: 101 mm
Your advantages
The self-adhesive marker strips from the SK marking range mark products without a marker groove, ideal for marking COMBICON connectors
•
The TML labeling range offers the option of subsequent labeling of zack marker strip and flat zack marker strip materials using a marking foil
•
Labeling service: Phoenix Contact can custom-label all TML ... markers in accordance with your requirements
•
Commercial data
Item number
0852151
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8111
GTIN
4046356355254
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
TML (101X4,2)R P12 TR CUS - Marker strip
0852151
https://www.phoenixcontact.com/us/products/0852151
May 9, 2025, 3:59AM
Page 1 (5)


Similar Part No. - 0852151

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0852150 PHOENIX-0852150 Datasheet
230Kb / 5P
TML (101X4,2)R P10 TR CUS - Marker strip
0852152 PHOENIX-0852152 Datasheet
230Kb / 5P
TML (101X4,2)R P4 TR CUS - Marker strip
0852154 PHOENIX-0852154 Datasheet
230Kb / 5P
TML (101X4,2)R P6 TR CUS - Marker strip
0852155 PHOENIX-0852155 Datasheet
230Kb / 5P
TML (101X4,2)R P8 TR CUS - Marker strip
0852156 PHOENIX-0852156 Datasheet
230Kb / 5P
TML (101X9,5)R P10 TR CUS - Marker strip
More results

Similar Description - 0852151

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801832 PHOENIX-0801832 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X2,8)R
0801833 PHOENIX-0801833 Datasheet
45Kb / 2P
Marking foil for zack marker strip - TML (104X3,8)R
0801834 PHOENIX-0801834 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X5)R
0801835 PHOENIX-0801835 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X10)R
0801836 PHOENIX-0801836 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX2,8)R
0801837 PHOENIX-0801837 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX3,8)R
0801838 PHOENIX-0801838 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX5)R
0801839 PHOENIX-0801839 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX10)R
0824965 PHOENIX-0824965 Datasheet
56Kb / 3P
Zack marker strip - ZB 5,8 CUS
0824997 PHOENIX-0824997 Datasheet
57Kb / 3P
Zack marker strip - ZB 7,62 CUS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com