Electronic Components Datasheet Search
  English  ▼

X  

0852151 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0852151
Description  TML (101X4,2)R P12 TR CUS - Marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0852151 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0852151 Datasheet HTML 1Page - PHOENIX CONTACT 0852151 Datasheet HTML 2Page - PHOENIX CONTACT 0852151 Datasheet HTML 3Page - PHOENIX CONTACT 0852151 Datasheet HTML 4Page - PHOENIX CONTACT 0852151 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Pitch
12 mm
Type
flat
Marking
Number of individual labels
1
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Mounting
Mounting type
adhesive
Material specifications
Color
transparent
Material
Polyester
Components
Silicone-free
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Dimensions
Width
4.2 mm
Length
101 mm
Pitch
12 mm
Text field
Text field width
101 mm
Text field height
4.2 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
TML (101X4,2)R P12 TR CUS - Marker strip
0852151
https://www.phoenixcontact.com/us/products/0852151
May 9, 2025, 3:59AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com