Electronic Components Datasheet Search
  English  ▼

X  

DS115 Datasheet(PDF) 3 Page - Synology Inc.

Part # DS115
Description  DiskStation DS115
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS115 Datasheet(HTML) 3 Page - Synology Inc.

  DS115 Datasheet HTML 1Page - Synology Inc. DS115 Datasheet HTML 2Page - Synology Inc. DS115 Datasheet HTML 3Page - Synology Inc. DS115 Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Hardware
CPU
Marvell Armada 375 Dual Core 800 MHz
Floating Point
Yes
Hardware Encryption Engine
Yes
Memory
512MB DDR3
Internal HDD/SSD
3.5” or 2.5” SATA(II) X 1 (hard drives not included)
Max Internal Capacity
6TB (1 X 6TB HDD) (The actual capacity will differ according to volume types)
External Ports
USB 3.0 X 1, USB 2.0 X 1, eSATA X 1
Size (HxWxD) (mm)
165 X 71 X 224
Weight
0.7 kg
LAN
Gigabit X 1
Wireless Support (dongle)
Yes
AC Input Power Voltage
100V to 240V AC
Power Frequency
50 / 60Hz, Single Phase
Operating Temperature
5°C to 35°C (40°F to 95°F)
Storage Temperature
-20˚C to 60˚C (-5˚F to 140˚F)
Relative Humidity
5% to 95% RH
General
Networking Protocols
CIFS, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN™, L2TP)
File System
Internal: EXT4
External: EXT4, EXT3, FAT, NTFS, HFS+ (Read Only)
Storage Management
Max File System Size: 16TB, Max Internal Volume #: 1, Max iSCSI Target #: 10, Max iSCSI LUN#: 10,
Supported RAID Type : Basic
File Sharing Capability
Max User Accounts: 2048, Max Groups: 256, Max Shared Folders: 256, Max Concurrent CIFS/AFP/FTP
Connections: 128
Privilege
Windows Access Control List (ACL)
Directory Service
Windows AD Integration: Domain Users login via Samba (CIFS)/AFP/FTP/File Station, LDAP Integration
Security
FTP over SSL/TLS, IP Auto-Block, Firewall, Encrypted Network Backup over Rsync, HTTPS Connection
Utilities
Synology Assistant, Cloud Station, Evidence Integrity Authenticator
Supported Clients
Windows XP onward, Mac OS X 10.5 onward, Ubuntu 9.04 onward
Supported Browsers
Chrome™, Firefox®, Internet Explorer®: 8 onward, Safari® 5 onward, Safari (iOS 5 onward on iPad®),
Chrome (Android 4.0 on tablets)
Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Connections & Buttons
1 LED Indicators
2 Power Button
3 Fan
4 Reset Button
5 eSATA Port
6 USB 3.0 Port
7 LAN Port
8 USB 2.0 Port
9 Power Port
10 Kensington Security Slot
5
4
6
7
1
3
8
9
10
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com