| Electronic Components Datasheet Search |
|
DS115 Datasheet(PDF) 1 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DS115 Datasheet(HTML) 1 Page - Synology Inc. |
|
1 / 4 page ![]() Empower Your Hard Drive The Synology DS115 may seem small in size, but it’s got big capabilities. The new dual-core CPU solution arms the DS115 with enhanced computing power and performance, over 110.56 MB/sec reading and over 93.47 MB/sec writing.1 With a built-in floating-point unit, DS115 transcodes audio tracks into MP3 format on demand to reduce streaming bandwidth and speeds up thumbnail generation to yield a refreshing photo viewing experience. The DS115 also packs in rich external interfaces, offering USB 2.0 and 3.0 ports alongside the eSATA connector. That allows communications with external storage, while the USB ports also support connecting a variety of devices including Bluetooth receivers, wireless dongles, and DTV tuners to maximize the additional value you can get from the DS115. With an abundance of applications, the DS115 turns your hard drive into a versatile storage server, which acts not only as your private cloud to access files anywhere, but also as a backup device, online photo album, local copy of your public cloud, 24/7 download portal, and so much more. DLNA-Certified Media Server As a certified DLNA DMS (Digital Media Server), DS115 serves as a ready media server with the capability to host digital multimedia contents for remote playback. DLNA-compliant devices in the same local area network can access the shared contents on DS115 without fussing over privilege settings. Synology mobile apps transform your mobile device into a remote control for your DS115, sending movies and photos to your TV or music to your speakers right from the palm of your hand. File Sharing, Data Synchronization and Note Management Synology DS115 offers comprehensive network protocol support, assuring seamless file sharing across Windows®, Mac®, and Linux® platforms. Internet file access is simplified by the encrypted FTP server and the web-based file explorer, File Station. HTTPS, firewall, and IP auto-block support ensure secure file sharing over the Internet. Cloud Station allows users to sync files among multiple devices and platforms, including Windows PC, Mac, Linux, iOS and Android™ tablets or phones, effortlessly keeping everything up-to-date. Cloud Sync keeps your Dropbox, Google™ Drive, Microsoft OneDrive, Baidu, Box and hubiC storage in sync with your personal DiskStation at home. Note Station centralizes and syncs the notes you take on your browser, tablet and phone, while keeping historic versions of every note. DiskStation DS115 Synology® DiskStation DS115 is a compact 1-bay NAS server designed to boost fun and productivity in your digital life, empowering your hard drive with network storage features to share, stream, and synchronize files. Running on Synology DiskStation Manager, DS115 delivers effective solutions together with enjoyable user experience. ● Compact Single-Drive NAS Powered by a Dual-Core CPU ● Versatile File Sharing & Download Portal ● Floating Point Unit Enabled for Multimedia Processing ● DLNA-Certified Media Server ● Features USB 3.0 ● Runs on Synology DiskStation Manager (DSM) Highlights |
Similar Part No. - DS115 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |