Electronic Components Datasheet Search
  English  ▼

X  

DS213 Datasheet(PDF) 3 Page - Synology Inc.

Part # DS213
Description  DiskStation DS213
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS213 Datasheet(HTML) 3 Page - Synology Inc.

  DS213 Datasheet HTML 1Page - Synology Inc. DS213 Datasheet HTML 2Page - Synology Inc. DS213 Datasheet HTML 3Page - Synology Inc. DS213 Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Hardware
CPU Frequency
2.0GHz
Hardware Encryption Engine
Yes
Memory
DDR3 512MB
Internal HDD/SSD
3.5” or 2.5” SATA(II) X 2 (hard drives not included)
Max Internal Capacity
8TB (2X 4TB hard drives) (The actual capacity will differ according to volume types.)
Hot Swappable HDD
Yes
External Storage Interface
1X USB 2.0 port, 2X USB 3.0 ports, 1X SD card slot
Size (HxWxD)
165mm X 108mm X 233.2mm
Weight
1.25kg
LAN
1X Gigabit
Wireless Support
Yes (wireless dongles not included)
Wake on LAN/WAN
Yes
Noise Level2
19.9 dB(A)
AC Input Power Voltage
100V to 240V
Power Frequency
50Hz to 60Hz, Single Phase
Power Consumption3
18.48 W (Access); 8.28 W (HDD Hibernation)
Operating Temperature
5°C to 35°C (40°F to 95°F)
Storage Temperature
-10°C to 70°C (15°F to 155°F)
Relative Humidity
5% to 95%RH
Applications
File Station
Virtual Drive, Remote Folder
Backup Solutions
Network Backup, Local Backup, Desktop Backup (Window: Synology Data Replicator; Mac®: Apple® Time
Machine® backup application), Shared Folder Sync - Max Task Number : 2, Configuraiton Backup, USBCopy/
SDCopy
Mail Server
Supported Mail Server Protocols : POP3, SMTP, IMAP
FTP Server
Bandwidth Control, Custom FTP Passive Port Range, Anonymous FTP, Transfer Log
Web Station
Virtual Host (up to 30 websites), PHP/MySQL®, 3rd-Party Applications Support
Printer Server
Max Printer #: 2, Printing Protocols: LPR, CIFS, IPP, Apple AirPrint™, Google Cloud Print™, Multi Functional
Print Server (MFP functions are for Windows® PC only)
iOS/Android™ Applications
DS photo+, DS audio, DS cam, DS file, DS finder
Windows Phone Applications
DS finder
Connections & Buttons
Copy Button
USB 2.0 Port
Power Button
SD Slot
HDD Tray Cover
LED Indicators
Fan
USB 3.0 Port
LAN Port
Power Port
RESET Button



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com