| Electronic Components Datasheet Search |
|
DS213 Datasheet(PDF) 2 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DS213 Datasheet(HTML) 2 Page - Synology Inc. |
|
2 / 4 page ![]() Rich Office Applications Synology DiskStation DS213 runs on renowned multitasking operating system, the Synology DiskStation Manager (DSM). Offering a comprehensive list of business applications, the DS213 can be customized to run multiple applications of your choice to fulfill the requirement of your business environment. The DS213 replaces several pieces of traditional network hardware with rich features designed specifically for workgroups and offices such as antivirus, video surveillance, webmail, VPN, and LDAP directory services. Applications are managed in the Package Center, an application portal that hosts applications as ready-to-use packages; to ensure high software integration as well as one-click-installation to eliminate guess work during installation. Additional approved 3rd party PHP web application such as content management, customer relationship management & e-commerce system can be hosted on DS213 by using Web Station with support for PHP/MySQL® web content. Hassle-free System Installation Web Assistant is a web-based utility to makes every DiskStation as easy to install as possible. Installation is done inside your existing web browser by setting up all vital system components in few simple steps. Combined with a quick start widget, users can simultaneously tour the DSM operating system and set it up to use right away. Peace of Mind with Data Encryption The Synology DS213 is equipped with an encryption engine which offloads the encryption calculation task away from the main CPU, helping to improve file transfer speeds of the DiskStation. Data protection is an important matter for businesses of all sizes. High-end features previously available only on enterprise level hardware are now accessible via Synology DS213 to small and medium-sized businesses. DS213 provides share-level AES 256-bit encryption to aid in the prevention of unauthorized access attempts to the hard drives. Energy Efficient with Cool and Quiet Design Synology DS213 is designed with energy efficiency in mind. Not only does it provide a 92x92 mm fan and the smart airflow to keep the system running cool 24/7, its noise dampening design makes it really quiet compared to PC counterparts. The support of Wake on LAN/WAN, multiple scheduled power on/off and hard drive hibernation can further reduce power consumption and operation cost. All Synology products are produced with RoHS compliant parts and packed with recyclable packing materials. Synology acknowledges the responsibility as a global citizen to continually work to reduce the environmental impact of every product produced. Figure 1) Cloud Station Cloud Station Server on DS213 syncs user’s data across several PCs or Macs seamlessly, boosting office productivity. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |