Electronic Components Datasheet Search
  English  ▼

X  

0803476 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803476
Description  EMPPR (45,8X45,8) PL-100 - Touch protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803476 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803476 Datasheet HTML 1Page - PHOENIX CONTACT 0803476 Datasheet HTML 2Page - PHOENIX CONTACT 0803476 Datasheet HTML 3Page - PHOENIX CONTACT 0803476 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Touch protection, Sheet, transparent, unlabeled, mounting type: latching, text field height: 45.8
mm, text field width: 45.8 mm
Your advantages
High level of mechanical and chemical stability
•
Suitable for permanent outdoor use
•
Stuck or snapped onto labeled CARRIER ... to protect the labeling
•
Extremely thick, yet flexible and transparent shock protection
•
Commercial data
Item number
0803476
Packing unit
100 pc
Minimum order quantity
100 pc
Product key
BG241B
Catalog page
Page 349 (C-3-2019)
GTIN
4055626080802
Weight per piece (including packing)
2.862 g
Weight per piece (excluding packing)
2.862 g
Country of origin
AT
EMPPR (45,8X45,8) PL-100 - Touch protection
0803476
https://www.phoenixcontact.com/us/products/0803476
May 16, 2025, 6:59AM
Page 1 (4)


Similar Part No. - 0803476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803470 PHOENIX-0803470 Datasheet
185Kb / 5P
TM-PTRV 8,QR:8-1 - Marker for terminal blocks
0803471 PHOENIX-0803471 Datasheet
52Kb / 2P
Marker for terminal blocks - TM-PTRV 8,QR:A-H
09/12/2020
0803473 PHOENIX-0803473 Datasheet
185Kb / 5P
TM-PTRV 8,QR:H-A - Marker for terminal blocks
0803475 PHOENIX-0803475 Datasheet
189Kb / 6P
LS-EMP-V4A (80X30) - Equipment marking
0803478 PHOENIX-0803478 Datasheet
170Kb / 4P
TMN-FRAME-LS - Holding plate
More results

Similar Description - 0803476

ManufacturerPart #DatasheetDescription
logo
NEC
PSLP0E226M NEC-PSLP0E226M Datasheet
170Kb / 8P
PL/L Series
logo
Winchester Electronics ...
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
PL, TPS
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
PL, TPS
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
PL, 75 BNC
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
PL, ANG, HN
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
PL, KM
logo
Advantech Co., Ltd.
IDP31-104 ADVANTECH-IDP31-104 Datasheet
6Mb / 2P
100% flat fronted touch and non-touch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com