Electronic Components Datasheet Search
  English  ▼

X  

0803476 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803476
Description  EMPPR (45,8X45,8) PL-100 - Touch protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803476 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803476 Datasheet HTML 1Page - PHOENIX CONTACT 0803476 Datasheet HTML 2Page - PHOENIX CONTACT 0803476 Datasheet HTML 3Page - PHOENIX CONTACT 0803476 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Cover
Dimensions
Text field
Text field width
45.8 mm
Text field height
45.8 mm
Material specifications
Color
transparent
Flammability rating according to UL 94
V0
Components
Silicone-free
Mounting
Mounting type
latching
EMPPR (45,8X45,8) PL-100 - Touch protection
0803476
https://www.phoenixcontact.com/us/products/0803476
May 16, 2025, 6:59AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com