Electronic Components Datasheet Search
  English  ▼

X  

CD4093 Datasheet(PDF) 3 Page - SYC Electronica

Part # CD4093
Description  CD4093BM/CD4093BC Quad 2-Input NAND Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4093 Datasheet(HTML) 3 Page - SYC Electronica

  CD4093 Datasheet HTML 1Page - SYC Electronica CD4093 Datasheet HTML 2Page - SYC Electronica CD4093 Datasheet HTML 3Page - SYC Electronica CD4093 Datasheet HTML 4Page - SYC Electronica CD4093 Datasheet HTML 5Page - SYC Electronica CD4093 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4093BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
10
10
75
m
A
Current
VDD e 10V
20
20
150
m
A
VDD e 15V
40
40
300
m
A
VOL
Low Level
VIN e VDD
lIOl k 1 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
VIN e VSS
lIOl k 1 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VTb
Negative-Going Threshold
lIOl k 1 mA
Voltage (Any Input)
VDD e 5V VO e 45V
13
225
15
18
225
15
23
V
VDD e 10V VO e 9V
285
45
30
41
45
30
465
V
VDD e 15V VO e 135V
435
675
45
63
675
45
69
V
VTa
Positive-Going Threshold
lIOl k 1 mA
Voltage (Any Input)
VDD e 5V VO e 05V
275
36
275
33
35
265
35
V
VDD e 10V VO e 1V
55
715
55
62
70
535
70
V
VDD e 15V VO e 15V
825
1065
825
90
105
81
105
V
VH
Hysteresis (VTa b VTb)VDD e 5V
05
235
05
15
20
035
20
V
(Any Input)
VDD e 10V
10
43
10
22
40
070
40
V
VDD e 15V
15
63
15
27
60
120
60
V
IOL
Low Level Output
VIN e VDD
Current (Note 3)
VDD e 5V VO e 04V
052
044
088
036
mA
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output
VIN e VSS
Current (Note 3)
VDD e 5V VO e 46V
b
052
044
b
088
b
036
mA
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5
b
03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k Input tr tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time
VDD e 5V
300
450
ns
VDD e 10V
120
210
ns
VDD e 15V
80
160
ns
tTHL tTLH
Transition Time
VDD e 5V
90
145
ns
VDD e 10V
50
75
ns
VDD e 15V
40
60
ns
CIN
Input Capacitance
(Any Input)
50
75
pF
CPD
Power Dissipation Capacitance
(Per Gate)
24
pF
AC Parameters are guaranteed by DC correlated testing
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
3
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com