Electronic Components Datasheet Search
  English  ▼

X  

CD4093 Datasheet(PDF) 1 Page - SYC Electronica

Part # CD4093
Description  CD4093BM/CD4093BC Quad 2-Input NAND Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4093 Datasheet(HTML) 1 Page - SYC Electronica

  CD4093 Datasheet HTML 1Page - SYC Electronica CD4093 Datasheet HTML 2Page - SYC Electronica CD4093 Datasheet HTML 3Page - SYC Electronica CD4093 Datasheet HTML 4Page - SYC Electronica CD4093 Datasheet HTML 5Page - SYC Electronica CD4093 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CD4093BMCD4093BC Quad
2-Input NAND Schmitt Trigger
General Description
The CD4093B consists of four Schmitt-trigger circuits Each
circuit functions as a 2-input NAND gate with Schmitt-trigger
action on both inputs The gate switches at different points
for positive and negative-going signals The difference be-
tween the positive (VTa) and the negative voltage (VTb)is
defined as hysteresis voltage (VH)
All outputs have equal source and sink currents and con-
form to standard B-series output drive (see Static Electrical
Characteristics)
Features
Y
Wide supply voltage range
30V to 15V
Y
Schmitt-trigger on each input
with no external components
Y
Noise immunity greater than 50%
Y
Equal source and sink currents
Y
No limit on input rise and fall time
Y
Standard B-series output drive
Y
Hysteresis voltage (any input) TA e 25 C
Typical
VDD e 50V
VH e 15V
VDD e 10V
VH e 22V
VDD e 15V
VH e 27V
Guaranteed
VH e 01 VDD
Applications
Y
Wave and pulse shapers
Y
High-noise-environment systems
Y
Monostable multivibrators
Y
Astable multivibrators
Y
NAND logic
Connection Diagram
Dual-In-Line Package
TLF5982 – 1
Top View
Order Number CD4093B
www.sycelectronica.com.ar


Similar Part No. - CD4093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093 TI-CD4093 Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Fairchild Semiconductor
CD4093 FAIRCHILD-CD4093 Datasheet
89Kb / 8P
Quad 2-Input NAND Schmitt Trigger
logo
Texas Instruments
CD4093B TI-CD4093B Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093B TI1-CD4093B Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
logo
Silicon Supplies
CD4093B SS-CD4093B Datasheet
693Kb / 6P
CMOS High Voltage Logic
More results

Similar Description - CD4093

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
Quad 2-input NAND Schmitt trigger
1999 Sep 24
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com