Electronic Components Datasheet Search
  English  ▼

X  

BBA31 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BBA31
Description  50-5000 MHz Flat Gain BroadBand AMP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA31 Datasheet(HTML) 1 Page - BeRex Corporation

  BBA31 Datasheet HTML 1Page - BeRex Corporation BBA31 Datasheet HTML 2Page - BeRex Corporation BBA31 Datasheet HTML 3Page - BeRex Corporation BBA31 Datasheet HTML 4Page - BeRex Corporation BBA31 Datasheet HTML 5Page - BeRex Corporation BBA31 Datasheet HTML 6Page - BeRex Corporation BBA31 Datasheet HTML 7Page - BeRex Corporation BBA31 Datasheet HTML 8Page - BeRex Corporation BBA31 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
50-5000 MHz Flat Gain BroadBand AMP
BBA31
1
Rev. 1.0
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
• Gain = 14.8 dB @ 900MHz
• OIP3 = 40.8 dBm @ 900 MHz
• Output P1 dB = 22.2 dBm @ 900 MHz
• N.F = 1.95dB @ 900 MHz
• Internally matched to 50 ohms
• Green/RoHS2 Compliant DFN 8L 2x2 Package
The BBA31 is a BroadBand, GaAs E-pHEMT Ampli-
fier that is ideal for applications demanding high
linearity and gain flatness in a bandwidth of 50-
5000 MHz. The BBA31 is internally matched to 50
Ohms and requires no external matching compo-
nents. It is available in RoHS2-compliant DFN 8L
2x2 mm
2 Surface mount package. These devices
are 100% DC and RF tested to assure quality and
performance.
Product Description
Device Features
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA
• General Purpose Wireless
• IF amplifier, RF driver amplifier
Applications
Applications Circuit
BOM@GHz
0.05~1.5
0.5~3.0
3.0~5.0
C1
1uF
1uF
1uF
C2
100pF
100pF
100pF
C3
2.2nF
100pF
22pF
C4
2.2nF
100pF
22pF
L1
1uH
22nH
1.0nH
C5
–
–
0.5pF
C6
–
–
0.75pF
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+170
°C
Supply Voltage
+7
V
Supply Current
190
mA
Input RF Power
20
dBm
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Min
Typ
Max
Unit
Bandwidth
50
5000
MHz
Id @ (Vd = 5V)
80
100
120
mA
Vd
4.75
5.0
5.25
V
dG/dT
-0.003
dB/°C
RTH
40.1
°C/W
Operating Case Temperature
-40
+105
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
50
5000
MHz
Test Frequency
900
MHz
Gain
13.7
14.8
dB
Input Return Loss
-14.9
dB
Output Return Loss
-13.0
dB
Output IP3
5 dBm / tone ,
Δf=1 MHz
37.8
40.8
dBm
Output P1dB
21.2
22.2
dBm
LTE 20M ACLR
*
11.9
12.9
dBm
Noise Figure
1.95
2.15
dB
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at
0.01% Prob.
*ACLR Channel Power measured at -50dBc.


Similar Part No. - BBA31

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
BBA MTRONPTI-BBA Datasheet
287Kb / 2P
Tubular Bandpass Filter
logo
List of Unclassifed Man...
BBA-322-A ETC-BBA-322-A Datasheet
108Kb / 8P
GENERAL-PURPOSE BROADBAND RF AMPLIFIER DATA GUIDE
BBA-322-A ETC2-BBA-322-A Datasheet
184Kb / 7P
BBA SERIES RF AMPLIFIER DATA GUIDE
logo
Linx Technologies
BBA-322-A LINX-BBA-322-A Datasheet
190Kb / 7P
BBA SERIES RF AMPLIFIER DATA GUIDE
2008
logo
List of Unclassifed Man...
BBA-322-A ETC2-BBA-322-A_08 Datasheet
184Kb / 7P
BBA SERIES RF AMPLIFIER DATA GUIDE
More results

Similar Description - BBA31

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
Miniature Broadband Gain Stage 200 - 3000 MHz
logo
List of Unclassifed Man...
SGA-3586 ETC-SGA-3586 Datasheet
249Kb / 5P
DC-5000 MHz Silicon Germanium Cascadeable Gain Block
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
logo
SIRENZA MICRODEVICES
SGA-0363 SIRENZA-SGA-0363 Datasheet
251Kb / 5P
DC-5000 MHz, Silicon Germanium Cascadeable Gain Block
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com